Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

255012. Datasheet(PDF) 1 Page - Littelfuse

Part # 255012.
Description  PICO II Fast-Acting Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

255012. Datasheet(HTML) 1 Page - Littelfuse

  255012. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 255012.

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2550101002 SCHNEIDER-2550101002 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
2550101020 SCHNEIDER-2550101020 Datasheet
136Kb / 2P
incandescent bulb - for transformer light block - 120..600 V AC
Jan 20, 2022
2550101025 SCHNEIDER-2550101025 Datasheet
116Kb / 1P
incandescent bulb - for resistor light block - 48 V AC/DC
Jan 20, 2022
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
2550101037 SCHNEIDER-2550101037 Datasheet
119Kb / 2P
incandescent bulb - for resistor light block - 12 V AC/DC
Jan 20, 2022
More results

Similar Description - 255012.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
459 LITTELFUSE-459 Datasheet
65Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
460 LITTELFUSE-460 Datasheet
26Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
0252.062M- LITTELFUSE-0252.062M- Datasheet
178Kb / 1P
PICO II
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
0473001.MRT3- LITTELFUSE-0473001.MRT3- Datasheet
23Kb / 1P
PICO II Slo-Blo짰 Type Fuse
0473003.YRT3- LITTELFUSE-0473003.YRT3- Datasheet
23Kb / 1P
PICO II Slo-Blo Type Fuse
0252.250M- LITTELFUSE-0252.250M- Datasheet
178Kb / 1P
PICO II
0252.500M- LITTELFUSE-0252.500M- Datasheet
178Kb / 1P
PICO II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com