Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB5534
Description  4-Port SuperSpeed USB Hub Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB5534 Datasheet(HTML) 1 Page - SMSC Corporation

  USB5534 Datasheet HTML 1Page - SMSC Corporation USB5534 Datasheet HTML 2Page - SMSC Corporation USB5534 Datasheet HTML 3Page - SMSC Corporation USB5534 Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMSC USB5534
Revision 0.1 (01-11-11)
PRODUCT REVIEW
Data Brief
PRODUCT FEATURES
USB5534
4-Port SuperSpeed USB
Hub Controller
General Description
The SMSC USB5534 hub is a 4-port, low-power,
configurable Hub Controller fully compliant with the USB
3.0 Specification. The USB5534 supports 5 Gbps
SuperSpeed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps
Full-Speed (FS) and 1.5 Mbps Low-Speed (LS) USB
signalling for complete coverage of all defined USB
operating speeds.
The USB5534 supports the legacy USB speeds through
its USB 2.0 hub controller. The new SuperSpeed hub
controller operates in parallel with the USB 2.0
controller, so the 5 Gbps SuperSpeed data transfers are
not affected by the slower USB 2.0 traffic.
The USB5534 is configured for operation through
internal default settings, where custom configurations
are supported through an on-chip OTP ROM or an
external SPI ROM.
All LED and port control signal pins are under firmware
control in order to allow for maximum operational
flexibility; those pins can also be configured as GPIOs.
Features
USB 3.0 compliant 5 Gbps, 480 Mbps, 12 Mbps and
1.5 Mbps operation, USB pins are 5 V tolerant
—
Integrated termination and pull-up/pull-down resistors
Four downstream USB 3.0 ports (which also support
USB 2.0)
Optimized for low-power operation and low thermal
dissipation
Configuration via OTP ROM or SPI ROM
On-chip 8051 µC manages GPIOs, VBUS, and other
hub signals
8 K RAM, 32 K ROM
Power Management capability on the GPIO/LED pins
LED Modes
—
Speed mode, SS vs. non SS
—
Slightly enhanced SS, HS, FS, LS indication
—
LEDs blink relative to data activity on that port
One Time programmable (OTP) ROM: 8 kbit
—
Includes on-chip charge pump
—
Values written via JTAG
Single 25 MHz XTAL or clock input for all on-chip PLL
and clocking requirements
Battery charging operation
—
Emulate China Charger when "headless"
—
Legacy charging when "headless" (Blackberry, Apple,
Motorola)
—
USB-IF Battery Charging 1.1/1.2 support as a DCP
when "headless"
—
USB-IF Battery Charging 1.1/1.2 support as a CDP
when connected to USB Host
—
European Union Charger Support
—
Supports PMBus and I2C on a single interface for all
ports as well as individual interfaces for each port
Supports JTAG boundry scan
PHYBoost (USB 2.0)
—
Selectable drive strength for improved signal integrity
VariSense (USB 2.0)
—
controls the receiver sensitivity enabling four
programmable levels of USB signal receive sensitivity
IETF RFC 4122 compliant 128-bit UUID
Software Features
Compatible with Microsoft Windows 7, Vista, and XP,
Mac OS X 10.4+, and Linux Hub Drivers (USB 2.0)
TRUESpeed LEDs (configuration dependent)
—
Multi color LED scheme vividly shows port capability
and operating speed
—
Embedded 8051 Micro controller for Hub configuration
Standard hub I/O (port power, over-current sense,
LEDs) are GPIOs controlled by a µC instead of hard
coded functions to allow for flexibility for OEM
differentiation
Applications
Mobile PC docking
LCD monitors and TVs
Portable expansion hubs
PC motherboards
Set-top boxes, DVD players, DVR/PVR


Similar Part No. - USB5534

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5534B MICROCHIP-USB5534B Datasheet
952Kb / 73P
4-Port SS/HS USB Hub Controller
07/14/15
USB5534B-5000JZX MICROCHIP-USB5534B-5000JZX Datasheet
952Kb / 73P
4-Port SS/HS USB Hub Controller
07/14/15
More results

Similar Description - USB5534

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
GL650USB ETC-GL650USB Datasheet
210Kb / 16P
USB 4 PORT HUB CONTROLLER
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
logo
Tripp Lite. All Rights ...
U360004IND TRIPPLITE-U360004IND Datasheet
495Kb / 2P
4-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360-004-AL TRIPPLITE-U360-004-AL Datasheet
503Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Mini Hub, Aluminum
logo
Advantech Co., Ltd.
USH304 ADVANTECH-USH304 Datasheet
320Kb / 1P
4-port isolated USB 3.0 SuperSpeed Hub
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
6-Port SuperSpeed USB 3.0 Hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com