Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF08 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SRF08
Description  Devantech SRF08 UltraSonic Ranger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRF08 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SRF08 Datasheet HTML 4Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 5Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 6Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 7Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 8Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 9Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 10Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 11Page - List of Unclassifed Manufacturers SRF08 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Mechatronic Systems
MechBot Sensor Overview, Page 8 of 17
238
EE
1
7
240
F0
1
8
242
F2
1
9
244
F4
1
10
246
F6
1
11
248
F8
1
12
250
FA
1
13
252
FC
1
14
254
FE
1
15
Take care not to set more than one sonar to the same address, there will be a bus collision and very
unpredictable results.
Current Consumption
Average current consumption measured on our prototype is around 12mA during ranging, and 3mA
standby. The module will automatically go to standby mode after a ranging, whilst waiting for a new
command on the I2C bus. The actual measured current profile is as follows;
Operation
Current Duration
Ranging command received - Power
on
275mA
3uS
+/- 10v generator Stabilization
25mA 600uS
8 cycles of 40kHz "ping"
40mA
200uS
Ranging
11mA
65mS
max
Standby
3mA
indefinite
The above values are for guidance only, they are not tested on production units.
Code
From http://www.robot-electronics.co.uk/htm/srf08bx24.shtml
Connecting Multiple SRF08 Sonar Modules to the BX-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com