Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM386SX Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM386SX Datasheet HTML 9Page - Advanced Micro Devices AM386SX Datasheet HTML 10Page - Advanced Micro Devices AM386SX Datasheet HTML 11Page - Advanced Micro Devices AM386SX Datasheet HTML 12Page - Advanced Micro Devices AM386SX Datasheet HTML 13Page - Advanced Micro Devices AM386SX Datasheet HTML 14Page - Advanced Micro Devices AM386SX Datasheet HTML 15Page - Advanced Micro Devices AM386SX Datasheet HTML 16Page - Advanced Micro Devices AM386SX Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
FINAL
Am386SX/SXL/SXLV Microprocessors Data Sheet
13
ABSOLUTE MAXIMUM RATINGS
Storage Temperature ....................... –65
°C to +150°C
Ambient Temperature under Bias .... –65
°C to +125°C
Stresses above those listed may cause permanent
damage to the device. Functionality at or above these
limits is not implied. Exposure to ABSOLUTE MAXI-
MUM RATING conditions for extended periods may af-
fect device reliability.
OPERATING RANGES
Supply Voltage with respect to VSS.... –0.5 V to +7.0 V
Voltage on Other Pins................–0.5 V to (Vcc +0.5) V
Operating ranges define those limits between which
the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
25 and 33 MHz: Vcc = 5 V ± 10%; TCASE = 0°C to +100°C (commercial); TCASE = –40°C to +100°C (industrial)
40 MHz: Vcc = 5 V ± 5%; TCASE = 0°C to +100°C
ICC
Supply Current (Note 8)
VCC Typ = 5.0 V
VCC = 5.5
V
CLK2 = 50 MHz: Oper. Freq. 25 MHz
ICC Typ = 160
190
mA
CLK2 = 66 MHz: Oper. Freq. 33 MHz
ICC Typ = 210
245
mA
CLK2 = 80 MHz: Oper. Freq. 40 MHz
ICC Typ = 255
295
mA
CIN
Input or I/O Capacitance
FC = 1 MHz (Note 4)
10
pF
CCLK
CLK2 Capacitance
FC = 1 MHz (Note 4)
20
pF
COUT
Output or I/O Capacitance
FC = 1 MHz (Note 4)
12
pF
ILI
Input Leakage Current (All pins except
0 V
≤ V
IN ≤ VCC
PEREQ, BUSY, ERROR, SMI*, SMIRDY*,
(Note 7)
±15
µA
FLT, and IIBEN*)
VOL
Output Low Voltage
IOL = 4 mA:
A23
–A1, D15–D0
(Note 5)
0.45
V
IOL = 5 mA:
BHE, BLE,W/R, D/C, SMIADS*,
0.45
V
M/IO, LOCK, ADS, HLDA, SMI*
VIL
Input Low Voltage
(Note 1)
–0.3
+0.8
V
Symbol
Parameter Description
Notes
Min
Max
Unit
VIH
Input High Voltage
2.0
VCC+0.3
V
VILC
CLK2 Input Low Voltage
(Note 1)
–0.3
+0.8
V
VIHC
CLK2 Input High Voltage
2.7
VCC+0.3
V
IIH
Input Leakage Current (PEREQ pin)
VIH = 2.4 V (Note 2)
200
µA
IIL
Input Leakage Current
(BUSY, ERROR, SMI*, SMIRDY*, FLT, IIBEN*)
VIL = 0.45 V (Note 3)
–400
µA
ILO
Output Leakage Current: Am386SX/SXL
0.1 V
≤ V
OUT ≤ VCC
±15
µA
Am386SXLV
0.45 V
≤ V
OUT ≤ VCC
±15
µA
ICCSB
Standby Current (Note 8)
ICCSB Typ = 20 µA
150
µA
Notes:
*
On Am386SXLV only
1.
The Min value, –0.3, is not 100% tested.
2.
PEREQ input has an internal pull-down resistor.
3.
BUSY, ERROR, FLT, SMI*, IIBEN*, and SMIRDY* inputs each have an internal pull-up resistor.
4.
Not 100% tested.
5.
Outputs are CMOS and will pull rail-to-rail if the load is not resistive.
6.
VOH SMI only valid on SMI output when exiting SMM for two CLK2 periods (on Am386SXLV only).
7.
SMI and IIBEN leakage Low will be ILI when pull-up is inactive and IIL when pull-up is active (on Am386SXLV only).
8.
Inputs at rails (VCC or VSS), outputs unloaded, PEREQ Low, ERROR High, BUSY High, and FLT High.
Final
VOH
Output High Voltage
IOH = 1.0 mA: A23–A1, D15–D0
(Note 5)
2.4
V
IOH = 0.2 mA: A23–A1, D15–D0
VCC –0.5
V
IOH = 0.9 mA: BHE, BLE, W/R, D/C, SMIADS*,
(Note 6*)
2.4
V
LOCK, ADS, M/IO, HLDA, SMI*
IOH = 0.18 mA: BHE, BLE, W/R, D/C, SMIADS*,
VCC –0.5
V
LOCK, ADS, M/IO, HLDA, SMI*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com