Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC32 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC32
Description  High-Speed CMOS Logic Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC32 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC32 Datasheet HTML 1Page - Texas Instruments CD54HC32 Datasheet HTML 2Page - Texas Instruments CD54HC32 Datasheet HTML 3Page - Texas Instruments CD54HC32 Datasheet HTML 4Page - Texas Instruments CD54HC32 Datasheet HTML 5Page - Texas Instruments CD54HC32 Datasheet HTML 6Page - Texas Instruments CD54HC32 Datasheet HTML 7Page - Texas Instruments CD54HC32 Datasheet HTML 8Page - Texas Instruments CD54HC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS274C
Features
• Typical Propagation Delay: 7ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC32 and ’HCT32 contain four 2-input OR gates in one
package. Logic gates utilize silicon gate CMOS technology
to achieve operating speeds similar to LSTTL gates with the
low power consumption of standard CMOS integrated cir-
cuits. All devices have the ability to drive 10 LSTTL loads.
The HCT logic family is functionally pin compatible with the
standard LS logic family.
Pinout
CD54HC32, CD54HCT32
(CERDIP)
CD74HC32, CD74HCT32
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC32F3A
-55 to 125
14 Ld CERDIP
CD54HCT32F3A
-55 to 125
14 Ld CERDIP
CD74HC32E
-55 to 125
14 Ld PDIP
CD74HC32M
-55 to 125
14 Ld SOIC
CD74HC32MT
-55 to 125
14 Ld SOIC
CD74HC32M96
-55 to 125
14 Ld SOIC
CD74HCT32E
-55 to 125
14 Ld PDIP
CD74HCT32M
-55 to 125
14 Ld SOIC
CD74HCT32MT
-55 to 125
14 Ld SOIC
CD74HCT32M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
September 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated.
CD54HC32, CD74HC32,
CD54HCT32, CD74HCT32
High-Speed CMOS Logic
Quad 2-Input OR Gate
[ /Title
(CD54
HCT32
,
CD74
HC32,
CD74
HCT32
)
/Sub-
ject
(High


Similar Part No. - CD54HC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC32 TI-CD54HC32 Datasheet
35Kb / 6P
High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32 TI-CD54HC32 Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC32 TI2-CD54HC32 Datasheet
1Mb / 26P
CDx4HC32 Quadruple 2-Input OR Gates
REVISED APRIL 2021
CD54HC32F TI2-CD54HC32F Datasheet
1Mb / 26P
CDx4HC32 Quadruple 2-Input OR Gates
REVISED APRIL 2021
CD54HC32F3A TI-CD54HC32F3A Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
More results

Similar Description - CD54HC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT32 TI-CD54HCT32 Datasheet
35Kb / 6P
High Speed CMOS Logic Quad 2-Input OR Gate
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
KODENSHI_AUK CORP.
KK74ACT32 KODENSHI-KK74ACT32 Datasheet
221Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC86 TI-CD54HC86_03 Datasheet
35Kb / 5P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
IK Semicon Co., Ltd
IN74AC32 IKSEMICON-IN74AC32 Datasheet
157Kb / 5P
Quad 2-Input OR Gate High-Speed Silicon-Gate CMOS
logo
ELM Technology Corporat...
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC 2-input OR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com