Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1785014 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1785014
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1785014 Datasheet(HTML) 1 Page - Festo Corporation.

  1785014 Datasheet HTML 1Page - Festo Corporation. 1785014 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSBF-C-125-50-PPVA-N3-R
Part number: 1785014
Data sheet
Feature
Value
Piston seal material
TPE-U(PU)
Piston rod wiper seal material
TPE-U(PU)
Cushion piston material
POM
Buffer seal material
TPE-U(PU)
Material of piston
Aluminium-Knetlegierung
Nut material
hochlegierter Stahl rostfrei
Flange screws material
Stahl verzinkt
Material of bearing
POM
Stroke
50 mm
Piston diameter
125 mm
Piston rod thread
M27x2
Type code
DSBF
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Conforms to standard
ISO 15552
Piston rod end
External thread
Design
Piston rod
Piston
Profile barrel
Position sensing
For proximity sensor
Symbol
00991235
Operating pressure
0.6 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
3 - High corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
3.3 J
Cushioning length
45 mm
Theoretical force at 6 bar, retracting
6881 N
Theoretical force at 6 bar, advancing
7363 N
Moving mass at 0 mm stroke
2245 g
Additional weight per 10 mm stroke
163 g
Basic weight with 0 mm stroke
6928 g
Additional moving mass per 10 mm stroke
63 g
4/15/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1785014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
logo
Festo Corporation.
1785012 FESTO-1785012 Datasheet
96Kb / 2P
ISO cylinder
1785013 FESTO-1785013 Datasheet
97Kb / 2P
ISO cylinder
1785015 FESTO-1785015 Datasheet
97Kb / 2P
ISO cylinder
1785016 FESTO-1785016 Datasheet
96Kb / 2P
ISO cylinder
More results

Similar Description - 1785014

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com