Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA381 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments INA381 Datasheet HTML 21Page - Texas Instruments INA381 Datasheet HTML 22Page - Texas Instruments INA381 Datasheet HTML 23Page - Texas Instruments INA381 Datasheet HTML 24Page - Texas Instruments INA381 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
HYS
HYS
V
4
A
12500
R
4
A
P u
:
P
Internal
Hysteresis
Control
VOUT
RESET
ALERT
IN+
IN±
VS+
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
0 V to 26 V
+
±
G = 20, 50,
100, 200
R1
R2
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381-Q1
12.5 k
RHYS
4 µA
VS+
21
INA381-Q1
www.ti.com
SLYS041 – MARCH 2020
Product Folder Links: INA381-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.1.2 Increase Comparator Hysteresis
The onboard comparator of the device is designed with a hysteresis of 50 mV. The INA381-Q1 is designed for
the user to change the hysteresis from a preset value of 50 mV by connecting an external resistor between
VOUT and CMPIN. Figure 46 shows a detailed block diagram of adding additional hysteresis.
Figure 46. Increase Hysteresis to the Comparator
The default hysteresis is 50 mV. Internal to the comparator, the INA381-Q1 has a current source of 4 µA in
series with 12.5 kΩ. The internal current source and hysteresis of the comparator is set by the internal hysteresis
control circuit that is enabled only after ALERT is asserted low. ALERT is asserted low during an overcurrent
condition when the voltage on VOUT exceeds the threshold set on the CMPREF pin. The internal 4-µA
hysteresis circuits are triggered only after ALERT is asserted low.
To increase hysteresis to greater than the default 50 mV, the RHYS resistor must be connected between the
VOUT and CMPIN pins. Equation 1 describes the internal configuration to set the external hysteresis resistor.
where
•
VHYS is the desired hysteresis voltage
•
RHYS is the external resistor on the input of the CMPIN pin
(1)
Table 3 lists the external resistors required at the input of the CMPIN pin to set the hysteresis.
Table 3. Hysteresis Resistor Selection
HYSTERESIS VOLTAGE
EXTERNAL RESISTOR AT THE CMPIN PIN
50 mV
0 Ω
75 mV
6.25 kΩ
100 mV
12.5 kΩ
125 mV
18.75 kΩ
150 mV
25 kΩ
200 mV
37.5 kΩ
250 mV
50 kΩ
300 mV
62.5 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com