Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV751 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV751
Description  TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV751 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV751 Datasheet HTML 16Page - Texas Instruments TLV751 Datasheet HTML 17Page - Texas Instruments TLV751 Datasheet HTML 18Page - Texas Instruments TLV751 Datasheet HTML 19Page - Texas Instruments TLV751 Datasheet HTML 20Page - Texas Instruments TLV751 Datasheet HTML 21Page - Texas Instruments TLV751 Datasheet HTML 22Page - Texas Instruments TLV751 Datasheet HTML 23Page - Texas Instruments TLV751 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
I
=
OUT(t)
C
OUT
OUT
´ dV
(t)
dt
V
OUT(t)
R
LOAD
+
IN
OUT
GND
EN
½
TLV751P
V
OUT
V
IN
FB
C
IN
C
OUT
V
EN
R
2
R
1
20
TLV751
SBVS385B – DECEMBER 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: TLV751
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8.2 Typical Application
Figure 42 shows the typical application circuit for the TLV751. Input and output capacitances must be at least
1 µF.
Figure 42. TLV751 Typical Application
8.2.1 Design Requirements
Use the parameters listed in Table 2 for typical linear regulator applications.
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
3.8 V
Output voltage
3.3 V, ±1%
Input current
500 mA (maximum)
Output load
500-mA dc
Maximum ambient temperature
70°C
8.2.2 Detailed Design Procedure
Input and output capacitors are required to achieve the output voltage transient requirements. Capacitance
values of 2.2 µF are selected to give the maximum output capacitance in a small, low-cost package; see the
Input and Output Capacitor Selection section for details.
Figure 38 illustrates the output voltage of the TLV751; set the output voltage using the resistor divider.
8.2.2.1 Input Current
During normal operation, the input current to the LDO is approximately equal to the output current of the LDO.
During startup, the input current is higher as a result of the inrush current charging the output capacitor. Use
Equation 6 to calculate the current through the input.
where:
•
VOUT(t) is the instantaneous output voltage of the turn-on ramp
•
dVOUT(t) / dt is the slope of the VOUT ramp
•
RLOAD is the resistive load impedance
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com