Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CL21
Description  Metallized Polyester Film Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CL21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CL21 Datasheet HTML 1Page - List of Unclassifed Manufacturers CL21 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elecsound Electronics Company Limited
www.elecsound.cn
Email: jasmine@elecsound.cn
Tel: 86 755 3336 1175
Dimension:
Maxium Dimension (mm)
Maxium Dimension (mm)
V
Cap. uF
W
H
T
P
d
V
Cap. uF
W
H
T
P
d
0.1
12.5
12
7
7
0.6
0.01
12.5
11.5
7
7.5
0.6
0.15
12.5
12.5
7.5
7
0.6
0.015
12.5
12.5
7.5
7.5
0.6
0.22
15.5
12.5
7.5
10
0.6
0.022
15.5
11.5
7
10.5
0.6
0.33
15.5
13
8
10
0.6
0.033
15.5
12.5
8
10.5
0.6
0.47
15.5
14.5
9
10
0.6
0.047
15.5
12.5
8
10.5
0.6
0.68
20.5
14.5
8.5
14.5
0.6
0.068
15.5
12.5
8.5
10.5
0.6
1.0
20.5
15.5
10
14.5
0.8
0.1
18
13
9
12.5
0.6
1.5
20.5
17.5
11.5
14.5
0.8
0.15
20.5
14.5
9
14.5
0.6
2.2
26
19.5
12
20
0.8
0.22
20.5
16
10.5
14.5
0.6
3.3
26
22.5
14
20
0.8
0.33
26
17.5
10.5
20.5
0.8
4.7
37.5
23.5
13
31.5
0.8
0.47
26
19.5
12.5
20.5
0.8
6.8
37.5
27.5
15.5
31.5
1.0
0.68
26
21.5
14
20.5
0.8
100V
10
37.5
31
18
31.5
1.0
1.0
37.5
24.5
13.5
32.5
0.8
0.047
12.5
12
7
7.5
0.6
1.5
37.5
28
15.5
32.5
1.0
0.068
12.5
12.5
7.5
7.5
0.6
2.2
42.5
28.5
18
36.5
1.0
0.1
15.5
12
7
10
0.6
3.3
42.5
32
20.5
36.5
1.0
0.15
15.5
13
8.5
10
0.6
400V
4.7
42.5
35.5
24.5
36.5
1.0
0.22
20.5
14
7.5
14.5
0.6
0.01
15.5
11.5
7
10.5
0.6
0.33
20.5
14.5
8.5
14.5
0.6
0.015
15.5
12.5
7.5
10.5
0.6
0.47
20.5
16.5
10
14.5
0.8
0.022
15.5
11.5
7
10.5
0.6
0.68
20.5
18
11
14.5
0.8
0.033
15.5
12.5
8
10.5
0.6
1.0
29
19
10.5
23
0.8
0.047
18
12.5
8
13
0.6
1.5
29
20
12
23
0.8
0.068
18
13
9
13
0.6
2.2
29
24
15
23
0.8
0.1
26
14.5
9
20.5
0.8
3.3
41.5
24
14
35.5
0.8
0.15
26
16.5
10
20.5
0.8
4.7
41.5
27
16
35.5
1.0
0.22
26
19
12
20.5
0.8
6.8
41.5
30
20
35.5
1.0
0.33
26
20.5
13.5
20.5
0.8
250V
10
41.5
37
23.5
35.5
1.0
0.47
37.5
23.5
13
32.5
0.8
0.68
37.5
25.5
15.5
32.5
1.0
1.0
42.5
26.5
17
36.5
1.0
1.5
42.5
29.5
19.5
36.5
1.0
630V
2.2
42.5
32.5
22.5
36.5
1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com