Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLB051H-R68MS Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # CMLB051H-R68MS
Description  Power Choke Coil CMLB051H MS type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CMLB051H-R68MS Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  CMLB051H-R68MS Datasheet HTML 1Page - Cyntec Co., Ltd. CMLB051H-R68MS Datasheet HTML 2Page - Cyntec Co., Ltd. CMLB051H-R68MS Datasheet HTML 3Page - Cyntec Co., Ltd. CMLB051H-R68MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jul., 2019
DOCUMENT : CMLB051H-000
REVISION
: A3
PAGE
: 3 OF 4
Current Characteristic
0
20
40
60
80
100
0.00
0.07
0.14
0.21
0.28
0.35
0.42
0369
12
15
18
21
24
27
DC BIAS(Amps)
CMLB051H-R33MS
INDUCTANCE(μH)
TEMP RISE(℃)
0
20
40
60
80
100
0.00
0.09
0.18
0.27
0.36
0.45
0.54
0
2
4
6
8
10
1214
161820
2224
DC BIAS(Amps)
CMLB051H-R47MS
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.00
0.14
0.28
0.42
0.56
0.70
0.84
02468
10
12
14
16
18
DC BIAS(Amps)
CMLB051H-R68MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
02468
10
12
14
16
DC BIAS(Amps)
CMLB051H-1R0MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.30
0.60
0.90
1.20
1.50
1.80
012
345678
9
10
DC BIAS(Amps)
CMLB051H-1R5MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.50
1.00
1.50
2.00
2.50
3.00
012
3456
789
10
DC BIAS(Amps)
CMLB051H-2R2MS
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.00
0.70
1.40
2.10
2.80
3.50
4.20
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
DC BIAS(Amps)
CMLB051H-3R3MS
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
DC BIAS(Amps)
CMLB051H-4R7MS
INDUCTANCE(μH)
TEMP. RISE (℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com