Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLB104T-R47MS Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # CMLB104T-R47MS
Description  Power Choke Coil CMLB104T type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CMLB104T-R47MS Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  CMLB104T-R47MS Datasheet HTML 1Page - Cyntec Co., Ltd. CMLB104T-R47MS Datasheet HTML 2Page - Cyntec Co., Ltd. CMLB104T-R47MS Datasheet HTML 3Page - Cyntec Co., Ltd. CMLB104T-R47MS Datasheet HTML 4Page - Cyntec Co., Ltd. CMLB104T-R47MS Datasheet HTML 5Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Mar., 2020
DOCUMENT
: CMLB104T-000
REVISION
: A9
PAGE
: 1 OF 5
Power Choke Coil CMLB104T type
Features
High performance (Isat) realized by metal dust core.
Low profile:Thickness max. 4.0mm
Low loss realized with low DCR
Capable of corresponding high frequency (1MHz)
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
W
B'
A'
B
T
A
L
H
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
A
4.1
B
5.4
C
13.6
Unit : mm
Code
Dimensions (mm)
R15/R22/R36/R47/
R56/1R0/1R5
2R2/3R3/4R7/5R6
6R8/8R2/100/150
220/330/470
L
11.15
 0.35
10.85
 0.35
W
10.0
 0.3
T
3.8
 0.2
A
2.0
 0.5
A’
2.5
 0.1
B
3.0
 0.5
B’
5.0
 0.2
H
0 ~ +0.15


Similar Part No. - CMLB104T-R47MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB135T-000 CYNTEC-CMLB135T-000 Datasheet
201Kb / 4P
Power Choke Coil CMLB135T type
CMLB135T-100MS CYNTEC-CMLB135T-100MS Datasheet
201Kb / 4P
Power Choke Coil CMLB135T type
CMLB135T-150MS CYNTEC-CMLB135T-150MS Datasheet
201Kb / 4P
Power Choke Coil CMLB135T type
CMLB135T-1R0MS CYNTEC-CMLB135T-1R0MS Datasheet
201Kb / 4P
Power Choke Coil CMLB135T type
CMLB135T-220MS CYNTEC-CMLB135T-220MS Datasheet
201Kb / 4P
Power Choke Coil CMLB135T type
More results

Similar Description - CMLB104T-R47MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB041B-000 CYNTEC-CMLB041B-000 Datasheet
75Kb / 3P
Power Choke Coil CMLB041B type
CMLB051B-000 CYNTEC-CMLB051B-000 Datasheet
194Kb / 3P
Power Choke Coil CMLB051B type
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB065T-000 CYNTEC-CMLB065T-000 Datasheet
492Kb / 4P
Power Choke Coil CMLB065T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
CMLE042T-000 CYNTEC-CMLE042T-000 Datasheet
191Kb / 3P
Power Choke Coil CMLE042T type
CMLE051E-000 CYNTEC-CMLE051E-000 Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051H-000 CYNTEC-CMLE051H-000 Datasheet
197Kb / 3P
Power Choke Coil CMLE051H type
PCMB104T-000 CYNTEC-PCMB104T-000 Datasheet
91Kb / 5P
Power Choke Coil PCMB104T type
HBLE041H-000 CYNTEC-HBLE041H-000 Datasheet
202Kb / 4P
Power Choke Coil HBLE041H type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com