Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1410 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1410
Description  2A Step-Down Switch-Mode Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1410 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1410 Datasheet HTML 1Page - Monolithic Power Systems MP1410 Datasheet HTML 2Page - Monolithic Power Systems MP1410 Datasheet HTML 3Page - Monolithic Power Systems MP1410 Datasheet HTML 4Page - Monolithic Power Systems MP1410 Datasheet HTML 5Page - Monolithic Power Systems MP1410 Datasheet HTML 6Page - Monolithic Power Systems MP1410 Datasheet HTML 7Page - Monolithic Power Systems MP1410 Datasheet HTML 8Page - Monolithic Power Systems MP1410 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP1410
2A Step-Down
Switch-Mode Regulator
PRELIMINARY
MP1410 Rev 1.0_ 05/29/02
www.monolithicpower.com
2
Monolithic Power Systems
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions (Note 2)
IN Voltage
-0.3V to 16V
IN Input Voltage
4.75V to 15V
SW Voltage
-1V to VIN +1V
Operating Temperature
-20°C to +85°C
BS Voltage
VSW-0.3V toVSW+6V
All Other Pins
–0.3 to 6V
Junction Temperature
150°C
Lead Temperature
260°C
Package Thermal Characteristics (Note 3)
Storage Temperature
-65°C to 150°C
θJA (8 pin SOIC)
105°C/W
Electrical Characteristics (Unless otherwise specified Circuit of Figure1, VEN=5V, VIN=12V, TA=25 C)
Parameters
Condition
Min
Typ
Max
Units
Feedback Voltage
4.75V ≤ VIN ≤ 25V
1.184
1.222
1.258
V
Upper Switch On Resistance
0.25
Ω
Lower Switch On Resistance
10
Ω
Upper Switch Leakage
VEN=0V; VSW=0V
10
µA
Current Limit
2.4
2.95
A
Oscillator Frequency
320
380
440
KHz
Short Circuit Frequency
FB = 0V
42
KHz
Maximum Duty Cycle
FB = 1.0V
90
%
Minimum Duty Cycle
FB = 1.5V
0
%
Enable Threshold
0.7
1.0
1.3
V
Under Voltage Lockout Threshold
High Going
2.0
2.5
3.0
V
Under Voltage Lockout Threshold
Hysteresis
200
mV
Shutdown Supply current
VEN=0V
25
50
µA
Operating Supply current
VEN=0V; VFB =1.4V
1.0
1.5
mA
Thermal Shutdown
160
°C
Note 1. Exceeding these ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Measured on 1” square of 1 oz. copper FR4 board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com