Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2374 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2374
Description  6.5V-32V Input, 1A, 330kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2374 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2374 Datasheet HTML 1Page - Monolithic Power Systems MP2374 Datasheet HTML 2Page - Monolithic Power Systems MP2374 Datasheet HTML 3Page - Monolithic Power Systems MP2374 Datasheet HTML 4Page - Monolithic Power Systems MP2374 Datasheet HTML 5Page - Monolithic Power Systems MP2374 Datasheet HTML 6Page - Monolithic Power Systems MP2374 Datasheet HTML 7Page - Monolithic Power Systems MP2374 Datasheet HTML 8Page - Monolithic Power Systems MP2374 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2374 – 6.5V-32V INPUT, 1A, 330kHz STEP-DOWN CONVERTER
MP2374 Rev. 1.0
www.MonolithicPower.com
2
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PACKAGE REFERENCE
BS
IN
SW
GND
REF
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
Part Number*
Package
MP2374DS
SOIC8
Temperature
Top Marking
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2374DS–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP2374DS–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN Supply Voltage........................ –0.3V to +34V
SW Voltage............................. –1V to VIN + 0.3V
BS Voltage ....................VSW – 0.3V to VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Input Voltage ................................... 6.5V to 32V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8..................................... 90 ...... 45...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JESD51-7, 4-layer PCB.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Shutdown Supply Current
VEN = 0V
20
35
μA
Supply Current
VEN = 5V, VFB = 1.4V
1.0
1.2
mA
Feedback Voltage
6.5V
≤ VIN ≤ 32V, VCOMP < 2V
1.202
1.230
1.258
V
Error Amplifier Voltage Gain
400
V/V
Error Amplifier Transconductance
ΔIC = ±10μA
500
700
1100
μA/V
High-Side Switch On Resistance
(4)
120
mΩ
Low-Side Switch On Resistance
(4)
8.5
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
μA
Current Limit
(5)
2.3
A
Current Sense to COMP
Transconductance
3.5
A/V
Oscillation Frequency
280
330
380
KHz
Short Circuit Oscillation Frequency
VFB = 0V
35
KHz
Maximum Duty Cycle
(4)
VFB = 1.0V
90
%
Minimum Duty Cycle
(4)
VFB = 1.5V
0
%
EN Shutdown Threshold Voltage
0.8
1.2
1.6
V
Enable Pull-Up Current
VEN = 0V
1.8
μA
EN UVLO Threshold
VEN Rising
2.4
2.6
2.8
V
EN UVLO Threshold Hysteresis
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com