Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLS063T-R10MS Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # CMLS063T-R10MS
Description  Power Choke Coil CMLS063T MS type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CMLS063T-R10MS Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  CMLS063T-R10MS Datasheet HTML 1Page - Cyntec Co., Ltd. CMLS063T-R10MS Datasheet HTML 2Page - Cyntec Co., Ltd. CMLS063T-R10MS Datasheet HTML 3Page - Cyntec Co., Ltd. CMLS063T-R10MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
May, 2019
DOCUMENT
: CMLS063T-000
REVISION
: A7
PAGE
: 1 OF 4
Power Choke Coil CMLS063T MS type
Features
High performance (Isat) realized by metal dust core.
Low profile:Thickness max. 3.0mm
Low loss realized with low DCR
Capable of corresponding high frequency (3MHz)
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
W
B'
A'
B
T
A
L
H
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions (mm)
L
6.95
 0.35
W
6.6
 0.2
T
2.8
 0.2
A
1.6
 0.3
A’
2.0
 0.1
B
3.0
 0.3
B’
3.6
 0.2
H
0 ~ +0.15
A
3.5
B
3.7
C
8.4
Unit : mm


Similar Part No. - CMLS063T-R10MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLS041B-000 CYNTEC-CMLS041B-000 Datasheet
189Kb / 3P
Power Choke Coil CMLS041B MS type
CMLS041B-1R0MS CYNTEC-CMLS041B-1R0MS Datasheet
189Kb / 3P
Power Choke Coil CMLS041B MS type
CMLS041B-2R2MS CYNTEC-CMLS041B-2R2MS Datasheet
189Kb / 3P
Power Choke Coil CMLS041B MS type
CMLS041B-R10MS CYNTEC-CMLS041B-R10MS Datasheet
189Kb / 3P
Power Choke Coil CMLS041B MS type
CMLS041B-R22MS CYNTEC-CMLS041B-R22MS Datasheet
189Kb / 3P
Power Choke Coil CMLS041B MS type
More results

Similar Description - CMLS063T-R10MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB051H-000 CYNTEC-CMLB051H-000 Datasheet
226Kb / 4P
Power Choke Coil CMLB051H MS type
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
CMLE104T-000 CYNTEC-CMLE104T-000 Datasheet
208Kb / 3P
Power Choke Coil CMLE104T MS type
CMLS041B-000 CYNTEC-CMLS041B-000 Datasheet
189Kb / 3P
Power Choke Coil CMLS041B MS type
CMLS051B-000 CYNTEC-CMLS051B-000 Datasheet
127Kb / 3P
Power Choke Coil CMLS051B MS type
CMLS104T-000 CYNTEC-CMLS104T-000 Datasheet
218Kb / 4P
Power Choke Coil CMLS104T MS type
CMLS136E-000 CYNTEC-CMLS136E-000 Datasheet
218Kb / 4P
Power Choke Coil CMLS136E MS type
HBLE061T-000 CYNTEC-HBLE061T-000 Datasheet
72Kb / 3P
Power Choke Coil HBLE061T MS type
HMLQ32251B-000 CYNTEC-HMLQ32251B-000 Datasheet
189Kb / 3P
Power Choke Coil HMLQ32251B MS type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com