Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLS104T-R22MS Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # CMLS104T-R22MS
Description  Power Choke Coil CMLS104T MS type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CMLS104T-R22MS Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  CMLS104T-R22MS Datasheet HTML 1Page - Cyntec Co., Ltd. CMLS104T-R22MS Datasheet HTML 2Page - Cyntec Co., Ltd. CMLS104T-R22MS Datasheet HTML 3Page - Cyntec Co., Ltd. CMLS104T-R22MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Nov., 2019
DOCUMENT
: CMLS104T-000
REVISION
: A9
PAGE
: 3 OF 4
Current Characteristic
0
20
40
60
80
100
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0
102030405060708090
100
DC BIAS(Amps)
CMLS104T-R15MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
10
203040
5060
7080
90
100
DC BIAS(Amps)
CMLS104T-R22MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.07
0.14
0.21
0.28
0.35
0.42
0
5
10 15 20 25 30 35 40 45 50 55 60 65
DC BIAS(Amps)
CMLS104T-R36MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
6
12
18
24
30
36
42
48
54
60
DC BIAS(Amps)
CMLS104T-R47MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.12
0.24
0.36
0.48
0.60
0.72
0
5
10
15
20
25
30
35
40
45
50
DC BIAS(Amps)
CMLS104T-R56MS
INDUCTANCE(μH)
TEMP. RISE (℃)
0
20
40
60
80
100
0.00
0.14
0.28
0.42
0.56
0.70
0.84
0
5
10
15
20
25
30
35
40
45
DC BIAS(Amps)
CMLS104T-R68MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0
5
10
15
20
25
30
35
40
45
DC BIAS(Amps)
CMLS104T-1R0MS
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.30
0.60
0.90
1.20
1.50
1.80
0
5
10
15
20
25
30
35
40
DC BIAS(Amps)
CMLS104T-1R5MS
INDUCTANCE(μH)
TEMP. RISE(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com