Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVM3684-RU-00A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EVM3684-RU-00A
Description  18V 15A Step-Down Power Module Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVM3684-RU-00A Datasheet(HTML) 3 Page - Monolithic Power Systems

  EVM3684-RU-00A Datasheet HTML 1Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 2Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 3Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 4Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 5Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 6Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVM3684-RU-00A – 18V 15A STEP-DOWN POWER MODULE
EVM3684-RU-00A Rev. 1.0
www.MonolithicPower.com
3
10/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVM3684-RU-00A BILL OF MATERIALS
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
C1
560pF
CAP, 25V, 5%, NP0
CAP0603
Murata
GRM1885C1E561JA01D
CIN1, CIN2
10uF
Capacitor, 25V, X7R,
10%
CAP1206
Murata
GRM31CR71E106KA12L
CIN3
220uF
220uF, 25V, 20%,
22mOhm ESR
SM8x12m
m
Nichicon
PCV1E221MCL2GS
CO1, CO2,
CO3, CO4,
CO5
47uF
CAP, 4V, X5R, 20%
CAP0805
Murata
GRM21BR60G476ME15L
R1
499K
Film Res., 1%
0603
Yageo
RC0603FR-07499KL
R2, R3
100K
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
R4
6.49K
Film Res., 1%
0603
Yageo
RC0603FR-076K49L
R5
10K
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
R6
15.4K
Film Res., 1%
0603
Yageo
RC0603FR-0715K4L
R7
21K
Film Res., 1%
0603
Yageo
RC0603FR-0721KL
U1
MPM3684
18V/15A Power
Stage Module
QFN60-
15X12mm
MPS
MPM3684GRU
Miscellaneous
Banana Jack
Non-insulated
Banana Jack
575-4
Keystone
575-4
J1
2mm, 8-pin Dual
Row Header
4x2x2mm
Wurth
620 008 211 21
Jumper
2mm Jumper
2x3.5mm
Wurth
608 002 134 21
Test Point
2.54mm Pitch, 9-pin
Header
2.54mmx9
Wurth
613 009 111 21
Test Point
2.54mm Pitch, 3-pin
Header
2.54mmx3
Wurth
613 003 111 21



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com