Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVM3686-RU-00A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EVM3686-RU-00A
Description  18V 20A Step-Down Power Module Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVM3686-RU-00A Datasheet(HTML) 1 Page - Monolithic Power Systems

  EVM3686-RU-00A Datasheet HTML 1Page - Monolithic Power Systems EVM3686-RU-00A Datasheet HTML 2Page - Monolithic Power Systems EVM3686-RU-00A Datasheet HTML 3Page - Monolithic Power Systems EVM3686-RU-00A Datasheet HTML 4Page - Monolithic Power Systems EVM3686-RU-00A Datasheet HTML 5Page - Monolithic Power Systems EVM3686-RU-00A Datasheet HTML 6Page - Monolithic Power Systems EVM3686-RU-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVM3686-RU-00A
18V 20A Step-Down Power Module
Evaluation Board
EVM3686-RU-00A Rev. 1.0
www.MonolithicPower.com
1
7/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EVM3686-RU-00A
is
used
for
demonstrating
the
performance
of
MPS’
MPM3686, a 20A step-down power module
with
built-in
power
MOSFETs
and
power
inductor.
High power efficiency over a wide load range is
achieved
by
scaling
down
the
switching
frequency at light load to reduce the switching
related loss by constant on time control. Over-
Current-Protection,
Over-Voltage
Protection,
Under-Voltage
Protection,
and
thermal
shutdown provide reliable operation.
MPM3686 is available in QFN 12x15x4mm
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
8–18
V
Output Voltage
VOUT
1/1.2/1.5/1.8
V
Output Current
IOUT
20
A
FEATURES
• Complete 20A DC-to-DC Solution
• Wide Input Voltage Range from 2.5V:
-- 2.5V to 18V with External 5V Bias
-- 4.5V to 18V with Internal Bias
• 1% Reference Voltage Over 0˚C to 70˚C
Junction Temperature Range
• Adaptive
COT
Control
for
Ultrafast
Transient Response
• Programmable Switching Frequency from
200KHz to 1MHz
• Support Pre-Bias Start Up
• Programmable Soft-Start Time with Default
3ms
• Non-latch
OCP,
OVP
and
Thermal
Shutdown
• Output Adjustable from 0.65V to 5V
• 12 x 15 x 4 (mm) QFN package
APPLICATIONS
• Telecom and Networking Systems
• Base Stations
• Servers
• Personal Video Recorders
• Flat Panel Television and Monitors
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology”, are Registered Trademarks of Monolithic
Power Systems, Inc.
EVM3686-RU-00A EVALUATION BOARD
Board Number
MPS IC Number
EVM3686-RU-00A
MPM3686GRU


Similar Part No. - EVM3686-RU-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
18V 6A Step-Down Power Module Evaluation Board
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
More results

Similar Description - EVM3686-RU-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8636-10 MPS-MPQ8636-10 Datasheet
2Mb / 41P
High Efficiency, 10/20A, 18V Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPM3686 MPS-MPM3686 Datasheet
2Mb / 19P
18V 20A Step-Down Power Module in 12x15x4mm QFN
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
EV2319-J-00A MPS-EV2319-J-00A Datasheet
377Kb / 6P
18V/3A, 650KHz, Step Down Converter Evaluation Board
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
18V 6A Step-Down Power Module Evaluation Board
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com