Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYNVC-19X-033 Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # CYNVC-19X-033
Description  Power Choke Coil VCMT136E MN54M type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CYNVC-19X-033 Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  CYNVC-19X-033 Datasheet HTML 1Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 2Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 3Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 4Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 5Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 6Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 7Page - Cyntec Co., Ltd. CYNVC-19X-033 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Feb., 2020
DOCUMENT
: CYNVC-19X-033
REVISION
: A3
PAGE
: 2 OF 8
Power Choke Coil VCMT136E MN54M type
Features
High performance (Isat) realized by metal dust core.
Low profile:Thickness max. 6.5mm
Low loss realized with low DCR
Capable of corresponding high frequency
Compliance with RoHS and Halogen Free
AEC-Q200 qualified
Application
Automotive applications
Outline Dimensions
W
B'
A'
B
T
L
H
B1
A1
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
C
A
Code
Dimensions (mm)
L
13.45
 0.35
W
12.6
 0.2
T
6.3
 0.2
A1
2.159
 0.381
A’
2.5
 0.1
B
4.7
 0.3
B1
9.2
 0.5
B’
6.0
 0.2
H
0 ~ + 0.15
A
4.953
B
8.28
C
14.732
Unit : mm
AEC-Q200
Issued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com