Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD25-2R2 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 10Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 11Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 12Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 13Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 14Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 15Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 16Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
13
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Inductor
The inductor supplies constant current to the
output load while being driven by the switched
input voltage. A larger-value inductor will result
in less ripple current and lower output ripple
voltage. However, the larger-value inductor is
typically physically larger, has a higher series
resistance, or has a lower saturation current.
To determine the inductance, allow the peak-to-
peak ripple current in the inductor to be
approximately 30%
of the maximum load
current. Also, chose a peak inductor current
below the maximum switch current limit. The
inductance value can be calculated by:


IN
OUT
L
S
OUT
V
V
1
ΔI
f
V
1
L
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ΔIL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:


IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 2 lists a number of suitable inductors
from various manufacturers. The choice of
which style inductor to use mainly depends on
the price vs. size requirements and any EMI
requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com