Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMT053T-R68MN5 Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # VCMT053T-R68MN5
Description  Power Choke Coil VCMT053T MN5 type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VCMT053T-R68MN5 Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  VCMT053T-R68MN5 Datasheet HTML 1Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 2Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 3Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 4Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 5Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 6Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 7Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 8Page - Cyntec Co., Ltd. VCMT053T-R68MN5 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT
: CYNVC-175-011
REVISION
: A4
PAGE
: 1 OF 9
The history of revision change for the specification
Document 
REV. 
Modified date  Description 
CYNVC‐175‐011 
A0 
2017.5.25 
New approval 
CYNVC‐175‐011 
A1 
2017.6.9 
1. May ‐> Jun. 
2. Add spec of R68 
3. Add curve of R68 
CYNVC‐175‐011 
A2 
2017.6.20 
1. Add spec of 1R5, 6R8 
2. Add curve of 1R5, 6R8 
CYNVC‐175‐011 
A3 
2017.3.13 
1. Add “AEC‐Q200” logo on page 2 
2. Jun., 2017 ‐> Mar., 2018 
3. Year code 2017 = 7 ‐> 2018 = 8 
CYNVC‐175‐011 
A4 
2020.1.14 
1. Mar., 2018 ‐> Jan., 2020 
2. Year code 2018 = 8 ‐> 2020 = 0 
3. Remove frequency: (1MHz) from Features 
4. Add Rated voltage (V): 50V 
Issued


Similar Part No. - VCMT053T-R68MN5

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
VCMT053T-R68MN52M CYNTEC-VCMT053T-R68MN52M Datasheet
1Mb / 9P
Power Choke Coil VCMT053T MN52M type
More results

Similar Description - VCMT053T-R68MN5

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB041B-000 CYNTEC-CMLB041B-000 Datasheet
75Kb / 3P
Power Choke Coil CMLB041B type
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
CMLE051E-000 CYNTEC-CMLE051E-000 Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051H-000 CYNTEC-CMLE051H-000 Datasheet
197Kb / 3P
Power Choke Coil CMLE051H type
CYNVC-19Y-032 CYNTEC-CYNVC-19Y-032 Datasheet
1Mb / 9P
Power Choke Coil VCMT053T MN52M type
CYNVC-175-013 CYNTEC-CYNVC-175-013 Datasheet
1Mb / 9P
Power Choke Coil VCMT104T MN5 type
CYNVC-176-016 CYNTEC-CYNVC-176-016 Datasheet
1,022Kb / 8P
Power Choke Coil VCMT136E MN5 type
CYNVC-199-054 CYNTEC-CYNVC-199-054 Datasheet
1,010Kb / 7P
Power Choke Coil VCMT053T MS5 type
CYNVC-201-013 CYNTEC-CYNVC-201-013 Datasheet
1,002Kb / 7P
Power Choke Coil VCMT063T MN5 type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com