Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMT104T-R19MN5 Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # VCMT104T-R19MN5
Description  Power Choke Coil VCMT104T MN5 type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VCMT104T-R19MN5 Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  VCMT104T-R19MN5 Datasheet HTML 1Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 2Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 3Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 4Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 5Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 6Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 7Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 8Page - Cyntec Co., Ltd. VCMT104T-R19MN5 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT
: CYNVC-175-013
REVISION
: A6
PAGE
: 1 OF 9
The history of revision change for the specification
Document 
REV. 
Modified date 
Description 
CYNVC‐175‐013 
A0 
2017.5.22 
New approval 
CYNVC‐175‐013 
A1 
2017.6.19 
1. Add spec of R78, 1R0, 3R3 
2. Add curve of R78, 1R0, 3R3 
3. May ‐> Jun. 
CYNVC‐175‐013 
A2 
2017.11.3 
1. Jun. ‐> Nov. 
2. Add spec of R47 
3. Add curve of R47 
CYNVC‐175‐013 
A3 
2018.3.13 
1. Add “AEC‐Q200” logo on page 2 
2. Nov., 2017 ‐> Mar., 2018 
3. Year code 2017 = 7 ‐> 2018 = 8 
CYNVC‐175‐013 
A4 
2018.10.19 
1. Mar. ‐> Oct. 
2. Remove spec of R78 
3. Remove curve of R78 
CYNVC‐175‐013 
A5 
2019.6.14 
1. Add R78 spec & curve 
2. Oct., 2018 ‐> Jun., 2019 
3. Year code 2018 = 8 ‐> 2019 = 9 
CYNVC‐175‐013 
A6 
2020.1.13 
1. Jun., 2019 ‐> Jan., 2020 
2. Remove frequency: (1MHz) from Features 
3. Year code 2019 = 9 ‐> 2020= 0 
4. Add R19 spec & curve 
5. Add Rated voltage (V): 75V 
Issued


Similar Part No. - VCMT104T-R19MN5

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
VCMT104T-R19MN54M CYNTEC-VCMT104T-R19MN54M Datasheet
971Kb / 8P
The history of revision change for the specification
More results

Similar Description - VCMT104T-R19MN5

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
CMLE051E-000 CYNTEC-CMLE051E-000 Datasheet
100Kb / 4P
Power Choke Coil CMLE051E type
CMLE051H-000 CYNTEC-CMLE051H-000 Datasheet
197Kb / 3P
Power Choke Coil CMLE051H type
CYNVC-175-011 CYNTEC-CYNVC-175-011 Datasheet
1Mb / 9P
Power Choke Coil VCMT053T MN5 type
CYNVC-176-016 CYNTEC-CYNVC-176-016 Datasheet
1,022Kb / 8P
Power Choke Coil VCMT136E MN5 type
CYNVC-176-025 CYNTEC-CYNVC-176-025 Datasheet
1Mb / 9P
Power Choke Coil VCMT104T MN53 type
CYNVC-199-053 CYNTEC-CYNVC-199-053 Datasheet
1,018Kb / 7P
Power Choke Coil VCMT104T MN53L type
CYNVC-199-055 CYNTEC-CYNVC-199-055 Datasheet
1,018Kb / 7P
Power Choke Coil VCMT104T MN5NL type
CYNVC-201-013 CYNTEC-CYNVC-201-013 Datasheet
1,002Kb / 7P
Power Choke Coil VCMT063T MN5 type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com