Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA20161B-R15MS6 Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # VCTA20161B-R15MS6
Description  Power Choke Coil VCTA20161B MS6 type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VCTA20161B-R15MS6 Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  VCTA20161B-R15MS6 Datasheet HTML 1Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 2Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 3Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 4Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 5Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 6Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 7Page - Cyntec Co., Ltd. VCTA20161B-R15MS6 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Feb., 2020
DOCUMENT
: CYNVC-175-020
REVISION
: A8
PAGE
: 3 OF 8
Marking
The point on the top surface represents winding direction of choke.
Coil clockwise around
Upside of Chip
PIN 2
PIN 1
Specifications
Part Number
L0 ◇
Inductance
(
H )
@ (0A)
Rdc ( m ) ◇
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Rated voltage
( V )
Typical
Maximum
Typical
Maximum
Typical
Maximum
Maximum
VCTA20161B-R15MS6
0.15
11.0
14.0
6.1
5.4
7.5
6.4
20
VCTA20161B-R22MS6
0.22
15.0
18.0
5.8
5.2
7.7
6.6
20
VCTA20161B-R33MS6
0.33
19.0
23.0
4.7
4.2
5.9
5.1
20
VCTA20161B-R47MS6
0.47
21.0
25.0
4.5
4.0
5.4
4.8
20
VCTA20161B-R50MS6
0.50
25.0
30.0
4.2
3.8
4.7
4.0
20
VCTA20161B-R56MS6
0.56
29.0
35.0
4.0
3.6
4.4
3.8
20
VCTA20161B-1R0MS6
1.0
41.0
48.0
3.1
2.7
3.8
3.3
20
VCTA20161B-1R5MS6
1.5
67.0
80.0
2.5
2.3
3.2
2.8
20
VCTA20161B-2R2MS6
2.2
105.0
120.0
2.0
1.7
2.8
2.5
20
VCTA20161B-3R3MS6
3.3
210.0
250.0
1.3
1.2
1.8
1.5
20
VCTA20161B-4R7MS6
4.7
315.0
378.0
1.2
1.0
1.4
1.2
20
VCTA20161B-6R8MS6
6.8
560.0
670.0
0.8
0.7
1.1
1.0
20
◇:
Significant Characteristic
* :If you require another part number please contact with us.
**:Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:1MHz, 1.0Vrms
Note 3.: Idc : DC current (A) that will cause an approximate ΔT of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to +165℃
Note 6.: The part temperature (ambient + temp rise) should not exceed 165℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other cooling
provision all affect the part temperature. Part temperature should be verified in the end application.
Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.
Note 8.: Cleaning Process Note
(a) If this power choke is dipped in the cleaning agent, such as toluene, xylene, ketone, and ether
system, there is a possibility that the performance decreases greatly
(b) The high power ultrasonic washing may damage the choke body.
(c) Please contact us if you need the cleaning via the above agents or ultrasonic washing.
Issued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com