Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYNVC-176-004 Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # CYNVC-176-004
Description  Power Choke Coil VCTA32251B MS6 type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CYNVC-176-004 Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  CYNVC-176-004 Datasheet HTML 1Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 2Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 3Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 4Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 5Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 6Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 7Page - Cyntec Co., Ltd. CYNVC-176-004 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Mar., 2020
DOCUMENT
: CYNVC-176-004
REVISION
: B0
PAGE
: 2 OF 8
Power Choke Coil VCTA32251B MS6 type
Features
High performance (Isat) realized by metal dust core.
Low profile:3.2mm x 2.5mm x 1.2mm
Low loss realized with low DCR
Compliance with RoHS and Halogen Free
AEC-Q200 qualified
Application
Automotive applications
Outline Dimensions
W
T
L
P
P
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions
L
3.2
 0.2
W
2.5
 0.2
T
1.2 Max.
P
0.7
 0.2
Unit : mm
A
2.8
B
1.8
C
3.7
Unit : mm
AEC-Q200
Issued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com