Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911A Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9911A
Description  CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911A Datasheet(HTML) 4 Page - STMicroelectronics

  L9911A Datasheet HTML 1Page - STMicroelectronics L9911A Datasheet HTML 2Page - STMicroelectronics L9911A Datasheet HTML 3Page - STMicroelectronics L9911A Datasheet HTML 4Page - STMicroelectronics L9911A Datasheet HTML 5Page - STMicroelectronics L9911A Datasheet HTML 6Page - STMicroelectronics L9911A Datasheet HTML 7Page - STMicroelectronics L9911A Datasheet HTML 8Page - STMicroelectronics L9911A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
L9911
4/15
DUTY-PR
Phase regulation max field
ON duty
Fig. 8
26.56
31.25
35.94
%
VH_SAT
High Side Driver Saturation
Voltage (Fig. 10)
With driver Isource=500mA
1.5
V
VL_SAT
Low Side Driver Saturation
Voltage (Fig. 10)
With driver Isink=500mA
1.5
V
VLSB
Selfbias without supply Lamp
driver Voltage
B+ open; L connected to 12V
through a 50 Ohm resistor
4V
IHSC
High Side Driver short circuit
current protection
B+ = 12.5V; L = GND
1.2
3
A
ILSC
Low Side Driver short circuit
current (see fig. 16)
B+ = L = 12.5V
1
2
A
VthL
Enable Regulator Supply
Voltage Threshold
0.8
1.15
Ipd_L
L terminal Pull-down Current
when the generator is not
rotating
VL = 0.6V
0.4
3.5
mA
I_L_sink
L sink current when the
generator is rotating
P frequency 500Hz; VB+ = 12V
100
µA
t-D
Diagnostic Alarm Delay Time
0.2
0.5
s
Vcan-DFM Test mode to cancel soft
start/ attack (voltage)
(Fig. 11)
30
50
V
tcan-DFM
Test mode delay time
(Fig. 11)
25
ms
VPHL1
Enable control voltage input
high threshold
square wave f = 1KHz
0.35
V
VPHL2
Enable control voltage input
low threshold
square wave f = 1KHz
0.25
V
t_PHL1
Enable Control Voltage
Phase Filtering Time
50
115
µs
VPHH1
Diagnosis phase loss input
high threshold
89
10
V
VPHH2_1
Diagnosis phase loss input
low threshold
6.4
7.4
8.4
V
tPHd
Diagnostic Phase Filtering
Time
50
100
µs
I_Pd-P1
Phase Pull-down Current
VP = 0.8V
1
8
mA
f-dfm
DFM Output open drain
switching freq.
Ialt=1A~0.9*Inom;1400rpm<rpm<R
PMMAX; I_sink=14mA
125
200
Hz
VL-DFM
Output low voltage saturation
I-sink=14mA
1.5
V
I-SC_DFM Short circuit current
protection
VB+ = VDFM = 12.5V
50
400
mA
Ilk-DFM
Output leakage current
VDFM=16V at DFM driver OFF
5
µA
t-TM
Output voltage rise time
R=1K Ohm (Fig. 7)
0.5
50
µs
t-TD
Output voltage fall time
R=1K Ohm (Fig. 7)
0.5
50
µs
Table 5. ELECTRICAL CHARACTERISTCS (continued)
(Tj = -40°C to 150°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com