Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911B Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9911B
Description  CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911B Datasheet(HTML) 5 Page - STMicroelectronics

  L9911B Datasheet HTML 1Page - STMicroelectronics L9911B Datasheet HTML 2Page - STMicroelectronics L9911B Datasheet HTML 3Page - STMicroelectronics L9911B Datasheet HTML 4Page - STMicroelectronics L9911B Datasheet HTML 5Page - STMicroelectronics L9911B Datasheet HTML 6Page - STMicroelectronics L9911B Datasheet HTML 7Page - STMicroelectronics L9911B Datasheet HTML 8Page - STMicroelectronics L9911B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
L9911
Table 6. Load Response Control Parameters
Table 7. Load Response Control Timing Options
Table 8. Correspondence of Frequency (typical values) to Application Features
Considering the overall WW application scenario, there is a direct correspondence between Typical Con-
figurations A/B and regulation curve Vreg-1, and between Typical Configuration C and regulation curves
Vreg-2 and Vreg-3. This is allowing the summary of all possible customizations for L9911 in the table be-
low.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
t_ST_1
Soft Start Delay Time (Fig.
13) 2 steps available,
selectable by mask option
(see Table.7).
Activated always at engine start
0
s
t_ST_2
1.7322.35
t_SL_1
Soft Attack Time / Soft Start
Time (Fig. 13). 2 steps
available, selectable by mask
option (see Table 7).
From 0 to 100% field duty cycle
2.13
2.5
2.87
s
t_SL_2
7.65
9
10.35
EN-RES
(constant)
Reset frequency range to
enable regulation; Frequency
judged after 4 periods (Fig.
12)
40
50
60
Hz
EN-1
Soft start enable (EN) and
LRC disable (DISAB)
frequency ranges.
4 configurations available,
selectable by mask option
(possible combinations in
Table 8). Always activated at
engine start. Frequencies
judged after 4 periods (Fig.
12)
Tj = 25ºC
Tj = -40 to150ºC
108
102
120
120
132
138
Hz
Hz
EN-2
Tj = 25ºC
Tj = -40 to150ºC
131
124
145
145
159
166
Hz
Hz
EN-3
Tj = 25ºC
Tj= -40 to150ºC
144
136
160
160
176
184
Hz
Hz
EN-4
Tj = 25ºC
Tj = -40 to150ºC
174
165
193
193
212
221
Hz
Hz
DISAB-1
Tj = 25ºC
Tj = -40 to150ºC
270
255
300
300
330
345
Hz
Hz
DISAB-2
Tj = 25ºC
Tj = -40 to150ºC
315
298
350
350
385
402
Hz
Hz
DISAB-3
Tj = 25ºC
Tj = -40 to150ºC
367
347
408
408
449
469
Hz
Hz
DISAB-4
Tj = 25ºC
Tj = -40 to150ºC
420
397
466
466
512
535
Hz
Hz
t_SL = 2.5s
t_SL = 9s
t_ST = 0s
LRC-A
LRC-D
t_ST = 2s
LRC-C
LRC-B
Alternator Revolution Speed (rpm)
6 Pole Pairs
8 Pole Pairs
Typical Configuration
A (Config-A)
Initiate Regulation
1200
EN-1
EN-3
LRC Cut
3000
DISAB-1
DISAB-3
Typical Configuration
B (Config-B)
Initiate Regulation
1450
EN-2
EN-4
LRC Cut
3000
DISAB-1
DISAB-3
Typical Configuration
C (Config-C)
Initiate Regulation
1450
EN-2
EN-4
LRC Cut
3500
DISAB-2
EN-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com