Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB104T-R39MT Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # PCMB104T-R39MT
Description  Power Choke Coil PCMB104T type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PCMB104T-R39MT Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  PCMB104T-R39MT Datasheet HTML 1Page - Cyntec Co., Ltd. PCMB104T-R39MT Datasheet HTML 2Page - Cyntec Co., Ltd. PCMB104T-R39MT Datasheet HTML 3Page - Cyntec Co., Ltd. PCMB104T-R39MT Datasheet HTML 4Page - Cyntec Co., Ltd. PCMB104T-R39MT Datasheet HTML 5Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
DOCUMENT
: PCMB104T-000
REVISION
: A5
PAGE
: 2 OF 5
Specifications
Rdc ( mΩ)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Part Number
L0
Inductance
( µH )
@ (0A)
Typical
Maximum
Typical
Typical
PCMB104T-R15MS
0.15
0.5
0.65
40.0
75.0
PCMB104T-R22MS
0.22
0.9
1.0
35.0
60.0
PCMB104T-R36MT
0.36
1.05
1.2
30.0
50.0
PCMB104T-R39MT
0.39
1.1
1.2
31.0
45.0
PCMB104T-R45MS
0.45
1.1
1.3
25.0
27.0
PCMB104T-R47MS
0.47
1.53
1.68
30.0
40.0
PCMB104T-R56MT
0.56
1.6
1.8
25.0
33.0
PCMB104T-R68MS
0.68
2.1
2.4
23.0
30.0
PCMB104T-1R0MT
1.0
3.0
3.3
18.0
28.0
PCMB104T-1R5MS
1.5
3.8
4.2
16.0
32.0
PCMB104T-1R8MS
1.8
4.5
5.0
15.0
15.0
PCMB104T-2R0MS
2.0
5.2
5.8
14.0
14.0
PCMB104T-2R2MS
2.2
6.0
7.0
12.0
18.0
PCMB104T-3R3MS
3.3
10.8
11.8
10.0
16.0
PCMB104T-4R7MS
4.7
17.0
20.0
8.5
15.0
PCMB104T-5R6MS
5.6
20.0
23.0
8.0
14.0
PCMB104T-6RR8MS
6.8
22.5
25.0
7.0
12.0
PCMB104T-8R2MS
8.2
25.0
27.0
6.0
9.0
PCMB104T-100MS
10.0
27.0
30.0
7.5
8.5
PCMB104T-150MS
15.0
40.0
45.0
6.25
7.0
PCMB104T-220MS
22.0
60.0
66.0
5.0
5.5
PCMB104T-330MS
33.0
85.0
92.0
4.4
5.0
PCMB104T-470MS
47.0
130.0
145.0
3.3
3.5
PCMB104T-680MS
68.0
178.0
195.0
2.3
3.0
*
:If you require another part number please contact with us.
**
:Inductance Tolerance ± 20%
Note 1.
: All test data is referenced to 25 ambient.
℃
Note 2.
: Idc : DC current (A) that will cause an approximate T of 40
△
℃
Note 3.
: Isat : DC current (A) that will cause Lo to drop approximately 30%
Note 4.
: Operating Temperature Range -55 to + 125
℃
℃
Note 5.
: The part temperature (ambient + temp rise ) should not exceed 125
under worse case
℃
operating conditions. Circuit design , component placement, PWB trace size and thickness,
airflow and other cooling provision all affect the part temperature. Part temperature should be
verified in the end application.
Note 6.
: The rated current as listed is either the saturation current or the heating current depending on
which value is lower.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com