Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB104T-R45MS Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # PCMB104T-R45MS
Description  Power Choke Coil PCMB104T type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PCMB104T-R45MS Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  PCMB104T-R45MS Datasheet HTML 1Page - Cyntec Co., Ltd. PCMB104T-R45MS Datasheet HTML 2Page - Cyntec Co., Ltd. PCMB104T-R45MS Datasheet HTML 3Page - Cyntec Co., Ltd. PCMB104T-R45MS Datasheet HTML 4Page - Cyntec Co., Ltd. PCMB104T-R45MS Datasheet HTML 5Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
DOCUMENT
: PCMB104T-000
REVISION
: A5
PAGE
: 3 OF 5
Current Characteristic
PCMB104T-R15MS
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0A 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
DC BIAS(Amps)
0
20
40
60
80
100
℃
INDUCTANCE(µH)
TEMP RISE (
℃)
PCMB104T-R22MS
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75
DC BIAS(Amps)
0
20
40
60
80
100
℃
INDUCTANCE(µH)
TEMP RISE (
℃)
PCM B104T-R36MT
0.00
0.08
0.16
0.24
0.32
0.40
0.48
0
5
10
15
20
25
30
35
40
45
50
DC BI AS( Amps)
0
20
40
60
80
100
℃
IND UCTANCE(µH )
TEM P RISE (
℃)
PCMB104T-R39MT
0.00
0.10
0.20
0.30
0.40
0.50
0
5
10
15
20
25
30
35
40
45
DC BIAS(Amps)
0
20
40
60
80
100
℃
INDUCTANCE(µH)
TEMP RISE (
℃)
PCM B104T-R45MS
0.00
0.10
0.20
0.30
0.40
0.50
0
5
10
15
20
25
30
35
40
DC BIAS(Amps)
0
20
40
60
80
100
℃
I NDU CTAN CE(µH)
TEMP RIS E (
℃)
PCM B104T-R56MT
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
5
10
15
20
25
30
35
40
45
DC BI AS(Amps)
0
20
40
60
80
100
℃
IND UCTANCE(µH )
TEM P RISE (
℃)
PCMB104T-R47MS
0.00
0.08
0.16
0.24
0.32
0.40
0.48
0.56
0
5
10
15
20
25
30
35
40
45
50
DC BIAS(Amps)
0
20
40
60
80
100
℃
INDUCTANCE(µH)
TEMP.RISE(
℃)
PCMB104T-R68MS
0.00
0.14
0.28
0.42
0.56
0.70
0.84
0
5
10
15
20
25
30
35
40
45
50
DC BIAS(Amps)
0
20
40
60
80
100
℃
INDUCTANCE(µH)
TEMP RISE (
℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com