Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMT062D Datasheet(PDF) 6 Page - Cyntec Co., Ltd.

Part # VCMT062D
Description  Power Choke Coil VCMT062D MS5 type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VCMT062D Datasheet(HTML) 6 Page - Cyntec Co., Ltd.

  VCMT062D Datasheet HTML 1Page - Cyntec Co., Ltd. VCMT062D Datasheet HTML 2Page - Cyntec Co., Ltd. VCMT062D Datasheet HTML 3Page - Cyntec Co., Ltd. VCMT062D Datasheet HTML 4Page - Cyntec Co., Ltd. VCMT062D Datasheet HTML 5Page - Cyntec Co., Ltd. VCMT062D Datasheet HTML 6Page - Cyntec Co., Ltd. VCMT062D Datasheet HTML 7Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT
: CYNVC-201-014
REVISION
: A0
PAGE
: 6 OF 7
(3) Reel dimensions
A
B
2.0 ± 0.5
20.0 ± 0.5
13.0 ± 1.0
(4) Peel force of top cover tape
The peel speed shall be about 300 mm/minute
The peel force of top cover tape shall be between 0.1 to 1.3N
A
B
mm
16.0
 0.5
2.0
 0.2
165 ~ 180°
Top Cover Tape
Carrier tape
0.1 ~ 1.3N
Issued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com