Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBLE041H-R68MS Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # HBLE041H-R68MS
Description  Power Choke Coil HBLE041H type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HBLE041H-R68MS Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  HBLE041H-R68MS Datasheet HTML 1Page - Cyntec Co., Ltd. HBLE041H-R68MS Datasheet HTML 2Page - Cyntec Co., Ltd. HBLE041H-R68MS Datasheet HTML 3Page - Cyntec Co., Ltd. HBLE041H-R68MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Sep., 2019
DOCUMENT
: HBLE041H-000
REVISION
: A4
PAGE
: 2 OF 4
Specifications
Part Number
L0
Inductance
(
H )
@ (0A)
Rdc ( m)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
HBLE041H-R47MS
0.47
13
16
10.0
9.0
9.6
8.5
HBLE041H-R68MS
0.68
17
21
8.5
7.6
7.4
6.6
HBLE041H-1R0MS
1.0
21
26
7.0
6.3
7.0
6.3
HBLE041H-1R5MS
1.5
32
38.4
5.5
5.0
6.4
5.4
HBLE041H-2R2MS
2.2
39
46
4.7
4.2
5.2
4.5
HBLE041H-3R3MS
3.3
58
69
3.8
3.5
4.5
4.0
HBLE041H-4R7MS
4.7
70
84
3.5
3.1
3.6
3.0
HBLE041H-6R8MS
6.8
110
132
2.8
2.5
2.6
2.4
HBLE041H-100MS
10.0
160
192
2.1
1.9
2.2
2.0
*: If you require another part number please contact with us.
**: Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:100KHz, 1.0Vrms
Note 3.:
△
Idc : DC current (A) that will cause an approximate
T of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to + 125℃
Note 6.: The part temperature (ambient + temp rise) should not exceed 125℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other cooling
provision all affect the part temperature. Part temperature should be verified in the end application.
Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value is
lower.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com