Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL5HD41 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL5HD41
Description  HIGH-LUMINOSITY LED LAMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5HD41 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL5HD41 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL5HD41 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LED
101
HIGH-LUMINOSITY CHIP LED
✩New product
★Under development
■ HIGH-LUMINOSITY (InGaN) CHIP LEDs
(Taped models only)
*1 GM1BC35370AC, GM1BC55270AC: IF = 5 mA
*2 GM5BC95200AC series, GM5BC95250AC series: IF = 20 mA
*3 GM5BC01200AC series, GM5BC01250AC series, GM5BC03200Z series: IF = 50 mA
Outline
dimensions
(mm)
Resin type
Blue
Green
Luminous
intensity
(mcd) TYP.
Luminous
intensity
(mcd) TYP.
1.6
× 0.8 (T: 0.35)
●
GM1GC35200AC
54
●
★ GM1BC35370AC*1
23
1.6
× 0.8 (T: 0.55)
●
★ GM1BC55270AC*1
23
GM1GC55200AC
47
3.2
× 2.8 (T: 1.9)
●
GM5BC95200AC*2
73
GM5GC95200AC*2
311
●
★ GM5BC95250AC*2
120
★ GM5GC95250AC*2
500
●
★ GM5BC95270AC*2
370
6.0
× 5.0 (T: 2.5)
●
GM5BC01200AC*3
200
GM5GC01200AC*3
520
●
★ GM5BC01250AC*3
300
★ GM5GC01250AC*3
1 200
●
★ GM5BC01270AC*3
550
6.0
× 5.0 (T: 2.3)
board insertion type
●
GM5BC03200Z*3
200
GM5GC03200Z*3
520
●
✩ GM5BC03210Z*3
300
1.6
× 1.15 × 0.8
(Side emitting)
●
★ GM4BC81250AC
50
★ GM4GC81250AC
170
2.7
× 1.3 × 1.2
(Side emitting)
●
GM4BC13300AC
12
GM4GC13300AC
46
(I F = 10 mA, Ta = 25°C)
B C
G C
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com