Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL5HD44 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL5HD44
Description  HIGH-LUMINOSITY LED LAMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL5HD44 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL5HD44 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL5HD44 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LED
102
CHIP LED
■ CHIP LEDs (Taped models only)
*1 P (Red) series: IF = 5 mA
HL: High-luminosity
Outline dimensions
(mm)
Resin type
Green
Yellow-green
Yellow
1.6
× 0.8 (T: 0.35)
●
GM1EG35200A
19
●
1.6
× 0.8 (T: 0.55)
●
GM1EG55200A
19
GM1HY55200A
11.5
1.6
× 0.8 (T: 0.6)
●
LT1E97A
23
LT1H97A
9.8
1.6
× 0.8 (T: 0.8)
●
LT1K67A
3.8
LT1E67A
LT1F67A
LT1F67AF
23
LT1H67A
8.3
2.0
× 1.25 (T: 0.8)
●
LT1K40A
5
LT1E40A
19
LT1H40A
10.8
3.2
× 2.8 (T: 1.9)
●
GM5EG95200A
18.1
1.6
× 1.15 × 0.8 (Side emitting)
●
GM4EG81200A
20
2.7
× 1.3 × 1.2 (Side emitting)
●
LT1E45A
29
Outline dimensions
(mm)
Resin type
Sunset orange
Red
Red
(HL)
Red
1.6
× 0.8 (T: 0.55)
●
GM1HS55200A
11.4
GM1HD55200A
12.5
GM1UR55200A
29.7
1.6
× 0.8 (T: 0.6)
●
LT1S97A
8.2
LT1D97A
11
LT1U97A
35.3
LT1P97A
1.6
1.6
× 0.8 (T: 0.8)
●
LT1S67A
6.9
LT1D67A
8.8
LT1U67A
29.7
LT1P67A
1.3
2.0
× 1.25 (T: 0.8)
●
LT1S40A
9.4
LT1D40A
11.9
LT1U40A
35.6
LT1P40A
1.3
3.2
× 2.8 (T: 1.9)
●
GM5HD95200A
13.8
GM5UR95200A
80
LT1D67A series
LT1ZR67A series
LT1JS67A series
GM1ZV80300AE series
LT1D97A series
GM1EG55200A series
GM1JV55200AE series
GM1BC55250AC series
LT1E40A series
LT1ZE40A series
GM1JV40300AE series
GM1ZV40300AE series
GM1JV35200AE series
GM1EG35200A
GM1BC35200AC series
GM1BC35310AC
LT1E45A series
LT1JV45A series
GM4BC13300AC series
GM4JV81200AE series
GM4EG81200A
GM4BC81250AC series
LT1ZR95A series
GM5JV95200AE series, GM5EG95200A series
GM5BC95200AC series, GM5BC95250AC series
GM5ZR01200A series, GM5BC01200AC series
GM5BC01250AC series, GM5YV01210A series
GM5ZV03200Z series
GM5BC03200Z series
Taped model
(IF = 20 mA*1, Ta = 25°C)
K
E FE G
H H Y
S H S
D H D
U U R
P
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in
equipment using any SHARP devices shown in catalogs, data books, etc.
Except where specially indicated, models listed on this page comply with the RoHS Directive*. For details, please contact SHARP.
*RoHS Directive: Prohibits use of lead, cadmium, hexavalent chromium, mercury and specific brominated flame retardants
(PBBs and PBDEs), with certain exceptions.
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com