Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCB0750-101L2 Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # HCB0750-101L2
Description  HCB0750 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HCB0750-101L2 Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  HCB0750-101L2 Datasheet HTML 1Page - Cyntec Co., Ltd. HCB0750-101L2 Datasheet HTML 2Page - Cyntec Co., Ltd. HCB0750-101L2 Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
May, 2015
DOCUMENT
: HCB0750-000
REVISION
: A0
PAGE
: 2 OF 3
Electrical Characteristics
Part Number
L0
Inductance
( nH )
@ (0A)
Li
(nH)
DCR
( mΩ)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
HCB0750-700
70
56
0.32
± 9.5%
37
75
HCB0750-101
100
80
53
HCB0750-121
120
96
42
HCB0750-151
150
120
34
HCB0750-700H2
70
56
0.46
± 6.5%
31
75
HCB0750-101H2
100
80
53
HCB0750-121H2
120
96
42
HCB0750-151H2
150
120
34
HCB0750-700L
70
56
0.19
± 10%
48
75
HCB0750-101L
100
80
53
HCB0750-121L
120
96
42
HCB0750-151L
150
120
34
HCB0750-700L2
70
56
0.25
± 10%
41
75
HCB0750-101L2
100
80
53
HCB0750-121L2
120
96
42
HCB0750-151L2
150
120
34
*: Inductance Tolerance ± 20%
Note 1.
: All test data is referenced to 25 ambient.
℃
Note 2.
: Test Condition:100KHz, 1.0Vrms
Note 3.
: Isat is the DC current which cause the inductance drop to Li
Note 4.
: Idc is the DC current which cause the surface temperature of the part increase approximately 40 ℃.
Note 5.
: Operating temperature: -40℃ to 125℃ (Self-temperature rise included).
Note 6.
: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com