Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2901FD Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MAS2901FD
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS2901FD Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MAS2901FD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 9Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 10Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 11Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 12Page - Zarlink Semiconductor Inc MAS2901FD Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MA2901
9
OUTLINES AND PIN ASSIGNMENTS
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
51.31
-
-
2.020
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG405
1
A3
2
A2
3
A1
4
A0
5
I6
6
I8
7
I7
8
RAM3
9
RAM0
10
VDD
Top
View
11
F = 0
12
I0
13
I1
14
I2
15
CP
16
Q3
17
B0
18
B1
19
B2
20
B3
40 OE
39 Y3
38 Y2
37 Y1
36 Y0
35 P
34 OVR
33 Cn+4
32 G
31 F3
30 VSS
29 Cn
28 I4
27 I5
26 I3
25 D0
24 D1
23 D2
22 D3
21 Q0
D
W
A
e
b
Z
H
A 1
15°
M
E
C
e 1
Seating Plane
1
20
40
21
Figure 15: 40-Lead Ceramic DIL (Solder Seal) - Package Style C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com