Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752832 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752832
Description  Printed-circuit board connector - MC 1,5/ 4-G-3,5 THT P26
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752832 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752832 Datasheet HTML 1Page - PHOENIX CONTACT 1752832 Datasheet HTML 2Page - PHOENIX CONTACT 1752832 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1752832
10/24/2014   Page 1 / 3
Printed-circuit board connector - MC 1,5/ 4-G-3,5 THT P26 - 1752832
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Number of positions: 4, Pitch: 3.5 mm, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
3.5 mm
Dimension a
10.5 mm
General
Range of articles
MC 1,5/..-G-THT
Rated voltage (III/3)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Color
black
Number of positions
4
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121


Similar Part No. - 1752832

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17528 ETC2-17528 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Weidmuller
1752800000 WEIDMULLER-1752800000 Datasheet
1Mb / 52P
SAK-series
logo
Tyco Electronics
175284 MACOM-175284 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
logo
List of Unclassifed Man...
175284-2 ETC2-175284-2 Datasheet
10Mb / 236P
T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
PHOENIX CONTACT
1752849 PHOENIX-1752849 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST AU
More results

Similar Description - 1752832

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788505 PHOENIX-1788505 Datasheet
110Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,5 P26 THR
1706877 PHOENIX-1706877 Datasheet
60Kb / 3P
MC 1,5/ 4-G-3,5 THT P26 AU
1788534 PHOENIX-1788534 Datasheet
94Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-G-3,5 P26 THRR32
1788547 PHOENIX-1788547 Datasheet
165Kb / 8P
Printed-circuit board connector - MC 1,5/ 4-G-3,5 P26 THR
1788576 PHOENIX-1788576 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 5-G-3,5 P26 THRR56
1788644 PHOENIX-1788644 Datasheet
162Kb / 8P
Printed-circuit board connector - MC 1,5/ 9-G-3,5 P26 THR
1788660 PHOENIX-1788660 Datasheet
109Kb / 4P
Printed-circuit board connector - MC 1,5/10-G-3,5 P26 THR
1788686 PHOENIX-1788686 Datasheet
109Kb / 4P
Printed-circuit board connector - MC 1,5/11-G-3,5 P26 THR
1788709 PHOENIX-1788709 Datasheet
160Kb / 8P
Printed-circuit board connector - MC 1,5/12-G-3,5 P26 THR
1788550 PHOENIX-1788550 Datasheet
110Kb / 3P
Printed-circuit board connector - MC 1,5/ 4-G-3,5 P26 THRR32
11/04/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com