Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSES0765RGWDTU Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # FSES0765RGWDTU
Description  Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSES0765RGWDTU Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FSES0765RGWDTU Datasheet HTML 10Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 11Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 12Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 13Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 14Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 15Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 16Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 17Page - Fairchild Semiconductor FSES0765RGWDTU Datasheet HTML 18Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
FSES0765RG
14
Typical application Circuit
Features
• High efficiency (>80% at 85Vac input)
• Synchronized switching
• Low standby mode power consumption (<1W)
• Low component count
• Enhanced system reliability through various protection functions
• Internal soft-start (15ms)
1. Schematic
Application
Output power
Input voltage
Output voltage (Max current)
CRT-Monitor
64W
Universal input
(85-265Vac)
80V (0.15A)
50V (0.70A)
14V (0.8A)
-14V (0.3A)
6.5V (0.3A)
C106
220uF
400V
R101
68kΩ
2W
D101
UF 4007
1
4
10
16
T1
EER4044
C107
47nF
630V
180V
80V
C301
4.7nF
C302
4.7nF
6.5V
12
13
C205
1000uF
35V
15V
C204
47uF
160V
D202
SUF15J
C202
22uF
400V
D201
RG4C
14
15
C105
47nF
LF101
1.2mH
C102
47nF
VAR101
10D471K
F101
FUSE
250V
3.0A
BD101
KBU6G
RT101
10D-9
C103
4.7nF
C104
4.7nF
C201
22uF
400V
L201
13uH
L202
13uH
C203
47uF
160V
L203
13uH
D203
UG4D
11
9
D204
UG4D
D205
UG4D
L204
13uH
L205
13uH
C206
1000uF
35V
C207
1000uF
35V
C208
1000uF
35V
C209
1000uF
16V
C210
1000uF
16V
-15V
C110
47uF
50V
D102
UF4004
R102
15Ω
0.25W
6
7
R104
470Ω
0.25W
IC101
FSES0765
C109
47nF
Vfb
Vcc
Drain
GND
2
1
3
4
Vsync
5
C108
1uF
50V
External
Sync
R203
1kΩ
0.25W
R204
1kΩ
0.25W
R205
33kΩ
0.25W
C211
47nF
IC201
KA431
IC301
HC11A817A
R206
2.7kΩ
0.25W
R207
4.7kΩ
0.25W
D206
UF4004
Q201
KSC945
R208
4.7kΩ
0.25W
SW 201
Switch
R209
33kΩ
0.25W
R201
300kΩ
0.25W
R202
4.2kΩ
0.25W
1
Input
Output
GND
2
3
5V, 0.13A
R210
39Ω
0.25W
C212
100uF
16V
IC202
KA7805
2
3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com