Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLE32251E-R47MSR Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # HMLE32251E-R47MSR
Description  Power Choke Coil HMLE32251E MSR type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HMLE32251E-R47MSR Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  HMLE32251E-R47MSR Datasheet HTML 1Page - Cyntec Co., Ltd. HMLE32251E-R47MSR Datasheet HTML 2Page - Cyntec Co., Ltd. HMLE32251E-R47MSR Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Nov., 2017
DOCUMENT
: HMLE32251E-000
REVISION
: A0
PAGE
: 1 OF 3
Power Choke Coil HMLE32251E MSR type
Features
High performance (Isat) realized by metal dust core.
Low profile
:3.2mm x 2.5mm x 1.5mm
Low loss realized with low DCR
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
B
A1
T
W
H
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
A
1.2
B
1.0
C
3.5
Unit : mm
Code
Dimensions (mm)
L
3.2 ± 0.2
Lw
3.0 ± 0.2
W
2.5 ± 0.2
T
1.3 ± 0.2
A
0.7 ± 0.3
B
1.2 ± 0.3
H
0 ~ +0.15


Similar Part No. - HMLE32251E-R47MSR

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HMLE25201D-000 CYNTEC-HMLE25201D-000 Datasheet
178Kb / 3P
Power Choke Coil HMLE25201D MSR type
HMLE25201D-2R2MSR CYNTEC-HMLE25201D-2R2MSR Datasheet
178Kb / 3P
Power Choke Coil HMLE25201D MSR type
HMLE25201D-3R3MSR CYNTEC-HMLE25201D-3R3MSR Datasheet
178Kb / 3P
Power Choke Coil HMLE25201D MSR type
HMLE25201D-4R7MSR CYNTEC-HMLE25201D-4R7MSR Datasheet
178Kb / 3P
Power Choke Coil HMLE25201D MSR type
More results

Similar Description - HMLE32251E-R47MSR

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HTEH20120H-000 CYNTEC-HTEH20120H-000 Datasheet
206Kb / 3P
Power Choke Coil HTEH20120H MSR type
HTEH20121T-000 CYNTEC-HTEH20121T-000 Datasheet
66Kb / 3P
Power Choke Coil HTEH20121T MSR type
HTEH20160H-000 CYNTEC-HTEH20160H-000 Datasheet
191Kb / 3P
Power Choke Coil HTEH20160H MSR type
HTEH25200H-000 CYNTEC-HTEH25200H-000 Datasheet
190Kb / 3P
Power Choke Coil HTEH25200H MSR type
HTEK1608FE-000 CYNTEC-HTEK1608FE-000 Datasheet
70Kb / 3P
Power Choke Coil HTEK1608FE MSR type
HTEK12100F-000 CYNTEC-HTEK12100F-000 Datasheet
192Kb / 3P
Power Choke Coil HTEK12100F MSR type
HTEK32251B-000 CYNTEC-HTEK32251B-000 Datasheet
191Kb / 3P
Power Choke Coil HTEK32251B MSR type
HTEP20120H-000 CYNTEC-HTEP20120H-000 Datasheet
191Kb / 3P
Power Choke Coil HTEP20120H MSR type
HMLQ25201B-000 CYNTEC-HMLQ25201B-000 Datasheet
203Kb / 3P
Power Choke Coil HMLQ25201B MSR Type
HMLQ25201T-000 CYNTEC-HMLQ25201T-000 Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com