Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753673 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753673
Description  MSTBV 2,5/14-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753673 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753673 Datasheet HTML 1Page - PHOENIX CONTACT 1753673 Datasheet HTML 2Page - PHOENIX CONTACT 1753673 Datasheet HTML 3Page - PHOENIX CONTACT 1753673 Datasheet HTML 4Page - PHOENIX CONTACT 1753673 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSTBV 2,5/14-G Order No.: 1753673
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1753673
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Jan 31, 2011
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Additional products
Item
Designation
Description
Assembly
1909333
FKCT 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
General
1910474
FKC 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1909838
FKCVR 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1910157
FKCVW 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1779534
FRONT-MSTB 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1754685
MSTB 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1759376
MSTB 2,5/14-STZ
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1765894
MSTBP 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1779958
MSTBT 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn
1792139
MVSTBR 2,5/14-ST
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com