Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDES064E-R47MS Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # SDES064E-R47MS
Description  Sealed Choke Coil SDES064E type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SDES064E-R47MS Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  SDES064E-R47MS Datasheet HTML 1Page - Cyntec Co., Ltd. SDES064E-R47MS Datasheet HTML 2Page - Cyntec Co., Ltd. SDES064E-R47MS Datasheet HTML 3Page - Cyntec Co., Ltd. SDES064E-R47MS Datasheet HTML 4Page - Cyntec Co., Ltd. SDES064E-R47MS Datasheet HTML 5Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Dec., 2017
DOCUMENT
: SDES064E-000
REVISION
: B0
PAGE
: 1 OF 5
Sealed Choke Coil SDES064E type
Features
Low profile
:6.0mm x 6.0mm x 4.5mm
Low coil resistance with large currents.
High magnetic shield construction should actualize high resolution for EMC protection.
100% lead (Pb) free meet RoHS standard
Application
Cellular PSones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Outline Dimensions
T
L
W
Note : This graph is in regard to outline dimensions spec. For outer appearance, please refer to actual product.
Code
Dimensions(mm)
L
6.0 ± 0.2
W
6.0 ± 0.2
T
4.5 max.


Similar Part No. - SDES064E-R47MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDES064T CYNTEC-SDES064T Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDES064T-000 CYNTEC-SDES064T-000 Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDES064T-100MS CYNTEC-SDES064T-100MS Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDES064T-101MS CYNTEC-SDES064T-101MS Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDES064T-121MS CYNTEC-SDES064T-121MS Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
More results

Similar Description - SDES064E-R47MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDEM25201B-000 CYNTEC-SDEM25201B-000 Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201T-000 CYNTEC-SDEM25201T-000 Datasheet
96Kb / 4P
Sealed Choke Coil SDEM25201T type
SDER031T-000 CYNTEC-SDER031T-000 Datasheet
77Kb / 3P
Sealed Choke Coil SDER031T type
SDER041B-000 CYNTEC-SDER041B-000 Datasheet
81Kb / 4P
Sealed Choke Coil SDER041B type
SDER041T-000 CYNTEC-SDER041T-000 Datasheet
75Kb / 4P
Sealed Choke Coil SDER041T type
SDES052T-000 CYNTEC-SDES052T-000 Datasheet
85Kb / 4P
Sealed Choke Coil SDES052T type
SDES064T-000 CYNTEC-SDES064T-000 Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDET25200H-000 CYNTEC-SDET25200H-000 Datasheet
75Kb / 3P
Sealed Choke Coil SDET25200H type
SDET25201T-000 CYNTEC-SDET25201T-000 Datasheet
89Kb / 4P
Sealed Choke Coil SDET25201T type
SDED20161T-000 CYNTEC-SDED20161T-000 Datasheet
94Kb / 4P
Sealed Choke Coil SDED20161T type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com