Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754584 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754584
Description  Printed-circuit board connector - FKCN 2,5/ 4-ST-5,08
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754584 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754584 Datasheet HTML 1Page - PHOENIX CONTACT 1754584 Datasheet HTML 2Page - PHOENIX CONTACT 1754584 Datasheet HTML 3Page - PHOENIX CONTACT 1754584 Datasheet HTML 4Page - PHOENIX CONTACT 1754584 Datasheet HTML 5Page - PHOENIX CONTACT 1754584 Datasheet HTML 6Page - PHOENIX CONTACT 1754584 Datasheet HTML 7Page - PHOENIX CONTACT 1754584 Datasheet HTML 8Page - PHOENIX CONTACT 1754584 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
https://www.phoenixcontact.com/pi/products/1754584
04/01/2020   Page 1 / 20
Printed-circuit board connector - FKCN 2,5/ 4-ST-5,08 - 1754584
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5.08 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Intuitive use through colour coded actuation lever
 Extremely small design for the respective conductor cross section
 Quick and convenient testing using integrated test option
 Can be combined with the MSTB 2,5 range
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356329545
Technical data
Item properties
Brief article description
PCB connector
Plug-in system
CLASSIC COMBICON
Type of contact
Female connector
Range of articles
FKCN 2,5/..-ST
Pitch
5.08 mm
Number of positions
4
Connection method
Push-in spring connection
Locking
without
Number of levels
1
Number of connections
4


Similar Part No. - 1754584

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754588 PHOENIX-1754588 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
More results

Similar Description - 1754584

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732768 PHOENIX-1732768 Datasheet
440Kb / 21P
Printed-circuit board connector - FKCN 2,5/ 4-ST
1732894 PHOENIX-1732894 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/18-ST
1754717 PHOENIX-1754717 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/17-ST-5,08
1754720 PHOENIX-1754720 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/18-ST-5,08
1754623 PHOENIX-1754623 Datasheet
596Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 8-ST-5,08
02/04/2022
1754814 PHOENIX-1754814 Datasheet
464Kb / 12P
Printed-circuit board connector - FKCN 2,5/ 4-STF-5,08
02/04/2022
1754597 PHOENIX-1754597 Datasheet
460Kb / 22P
Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08
09/12/2020
1754607 PHOENIX-1754607 Datasheet
469Kb / 23P
Printed-circuit board connector - FKCN 2,5/ 6-ST-5,08
09/12/2020
1754610 PHOENIX-1754610 Datasheet
460Kb / 22P
Printed-circuit board connector - FKCN 2,5/ 7-ST-5,08
09/12/2020
1754665 PHOENIX-1754665 Datasheet
455Kb / 22P
Printed-circuit board connector - FKCN 2,5/12-ST-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com