Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754465 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754465
Description  MSTB 2,5/ 3-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754465 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754465 Datasheet HTML 1Page - PHOENIX CONTACT 1754465 Datasheet HTML 2Page - PHOENIX CONTACT 1754465 Datasheet HTML 3Page - PHOENIX CONTACT 1754465 Datasheet HTML 4Page - PHOENIX CONTACT 1754465 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/ 3-G
Order No.: 1754452
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754452
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 3, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918028626
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001471 KG
Catalog page information
Page 248 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
10 mm
Number of positions
3
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1754465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754465 PHOENIX-1754465 Datasheet
144Kb / 6P
MSTB 2,5/ 3-ST
1754465 PHOENIX-1754465 Datasheet
145Kb / 5P
MSTBV 2,5/ 3-G
More results

Similar Description - 1754465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707112 PHOENIX-0707112 Datasheet
114Kb / 7P
Base strip - DFK-MSTB 2,5/ 3-G
1715031 PHOENIX-1715031 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 VPE500
1729344 PHOENIX-1729344 Datasheet
61Kb / 2P
MSTB 2,5/ 3-G-5,08 OG VPE500
1730692 PHOENIX-1730692 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 YE
1754478 PHOENIX-1754478 Datasheet
144Kb / 5P
MSTB 2,5/ 4-G
1754591 PHOENIX-1754591 Datasheet
145Kb / 5P
MSTB 2,5/10-G
1756269 PHOENIX-1756269 Datasheet
41Kb / 2P
Base strip - MSTB 2,5/ 3-G BK
1759020 PHOENIX-1759020 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1768192 PHOENIX-1768192 Datasheet
68Kb / 3P
Base strip - MSTB 2,5/ 3-G-LA
1754779 PHOENIX-1754779 Datasheet
147Kb / 5P
MSTB 2,5/19-G
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com