Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753631 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753631
Description  MSTB 2,5/12-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753631 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753631 Datasheet HTML 1Page - PHOENIX CONTACT 1753631 Datasheet HTML 2Page - PHOENIX CONTACT 1753631 Datasheet HTML 3Page - PHOENIX CONTACT 1753631 Datasheet HTML 4Page - PHOENIX CONTACT 1753631 Datasheet HTML 5Page - PHOENIX CONTACT 1753631 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTB 2,5/12-ST
Order No.: 1754643
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754643
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 12, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918028817
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.02097 KG
Catalog page information
Page 198 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
55 mm
Number of positions
12
Screw thread
M3


Similar Part No. - 1753631

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753631 PHOENIX-1753631 Datasheet
144Kb / 5P
MSTBV 2,5/12-G
1753631 PHOENIX-1753631 Datasheet
170Kb / 6P
MVSTBR 2,5/12-ST
1753631 PHOENIX-1753631 Datasheet
151Kb / 6P
MVSTBW 2,5/12-ST
More results

Similar Description - 1753631

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754546 PHOENIX-1754546 Datasheet
142Kb / 6P
MSTB 2,5/ 7-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1759910 PHOENIX-1759910 Datasheet
103Kb / 3P
MSTB 2,5/12-ST-5,08 BK
1767782 PHOENIX-1767782 Datasheet
110Kb / 5P
MSTB 2,5/12-ST-5,08 BD: 1-12
1703983 PHOENIX-1703983 Datasheet
50Kb / 3P
MSTB 2,5/ 5-ST BKBDWH:12-16
1754740 PHOENIX-1754740 Datasheet
145Kb / 6P
MSTB 2,5/17-ST
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com