Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF40NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF40NF06
Description  N-CHANNEL 60V - 0.024ohm - 23A - TO-220FP STripFET II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF40NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STF40NF06 Datasheet HTML 1Page - STMicroelectronics STF40NF06 Datasheet HTML 2Page - STMicroelectronics STF40NF06 Datasheet HTML 3Page - STMicroelectronics STF40NF06 Datasheet HTML 4Page - STMicroelectronics STF40NF06 Datasheet HTML 5Page - STMicroelectronics STF40NF06 Datasheet HTML 6Page - STMicroelectronics STF40NF06 Datasheet HTML 7Page - STMicroelectronics STF40NF06 Datasheet HTML 8Page - STMicroelectronics STF40NF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
November 2004
STF40NF06
N-CHANNEL 60V - 0.024
Ω - 23A - TO-220FP
STripFET™II MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.024Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE AT 100°C
s
APPLICATION ORIENTED
CHARACTERIZATION
s
100% AVALANCHE TESTED
DESCRIPTION
This MOSFET is the latest development of STMi-
croelectronics unique “Single Feature Size
™”
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STF40NF06
60 V
< 0.028
Ω
23 A
TO-220FP
1
2
3
Part Number
Marking
Package
Packaging
STF40NF06
F40NF06
TO-220FP
TUBE
Rev.2


Similar Part No. - STF40NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40NF06 STMICROELECTRONICS-STF40NF06 Datasheet
259Kb / 12P
N-channel 60V - 0.024Ω - 23A - TO-220FP STripFET??II Power MOSFET
04-Sep-2006
logo
Inchange Semiconductor ...
STF40NF06 ISC-STF40NF06 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF40NF06 STMICROELECTRONICS-STF40NF06_06 Datasheet
259Kb / 12P
N-channel 60V - 0.024Ω - 23A - TO-220FP STripFET??II Power MOSFET
04-Sep-2006
More results

Similar Description - STF40NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STB20NF06L STMICROELECTRONICS-STB20NF06L Datasheet
395Kb / 16P
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
27-Jul-2006
STP16NF06 STMICROELECTRONICS-STP16NF06_07 Datasheet
325Kb / 14P
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET™II Power MOSFET
20-Feb-2007
STF40NF06 STMICROELECTRONICS-STF40NF06_06 Datasheet
259Kb / 12P
N-channel 60V - 0.024Ω - 23A - TO-220FP STripFET??II Power MOSFET
04-Sep-2006
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
30-May-2007
STP60NF06FP STMICROELECTRONICS-STP60NF06FP_V01 Datasheet
275Kb / 12P
N-channel 60V - 0.014Ω - 30A TO-220FP STripFET II™ Power MOSFET
14-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com