Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFD1025 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFD1025
Description  NPN PLANAR POWER DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFD1025 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFD1025 Datasheet HTML 1Page - Continental Device India Limited CFD1025 Datasheet HTML 2Page - Continental Device India Limited CFD1025 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Manufacturer
NPN PLANAR POWER DARLINGTON TRANSISTOR
CFD1025
TO-220FP Fully Isolated
Plastic Package
Power Darlington for use in Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current DC
IC
Collector Current Peak
ICP
Base Current DC
IB
Base Current Peak
IBP
Power Dissipation @ Tc=25ºC
PD
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
ICBO
VCB=200V, IE=0
0.1
mA
ICEO
VCE=150V, IB=0
0.1
mA
Emitter Cut Off Current
IEBO
VEB=7V, IC=0
5.0
mA
DC Current Gain
hFE
VCE=3V, IC=5A
1,500
30,000
Collector Emitter Saturation Voltage
VCE (sat)
IC=5A, IB=10mA
1.5
V
Base Emitter Saturation Voltage
VBE (sat)
IC=5A, IB=10mA
2.0
V
Transition frequency
fT
VCE=10V, IC=0.8A
50
MHz
SWITCHING TIME
Turn On Time
ton
2
µs
Storage Time
ts
8
µs
Fall Time
tf
5
µs
CFD1025Rev 280104D
VALUE
200
150
7.0
8.0
A
12.0
0.5
A
1.0
Collector Cut Off Current
IB1=IB2=10mA, IC=5A,
RL=5Ω, VBB2=4V
35
+150
-55 to +150
2.5
E
C
B
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CFD1025

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFD1264 CDIL-CFD1264 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264A CDIL-CFD1264A Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264AP CDIL-CFD1264AP Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264AQ CDIL-CFD1264AQ Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264P CDIL-CFD1264P Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CFD1025

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT614 ZETEX-FMMT614 Datasheet
148Kb / 2P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT600 ZETEX-FZT600 Datasheet
100Kb / 2P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ZTX614 ZETEX-ZTX614 Datasheet
33Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT603 ZETEX-FXT603 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Continental Device Indi...
CJF6388 CDIL-CJF6388 Datasheet
296Kb / 4P
NPN SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Zetex Semiconductors
FXT614 ZETEX-FXT614 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
MPSA12P ZETEX-MPSA12P Datasheet
39Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
ZTX614 DIODES-ZTX614 Datasheet
45Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
APRIL 1994
logo
Continental Device Indi...
CSD1025 CDIL-CSD1025 Datasheet
189Kb / 3P
NPN PLANAR POWER DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com