Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3401PR Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # HM3401PR
Description  P-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

HM3401PR Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  HM3401PR Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd HM3401PR Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel 30-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET
® Power MOSFET
• 100 % Rg Tested
APPLICATIONS
•
Load Switch
•
Battery Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
d
Qg (Typ.)
- 30
0.0
at VGS = - 10 V
- 7.6
13 nC
0.0
56 at VGS = - 4.5 V
-
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under Steady State conditions is 95 °C/W.
d. Package limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 7.6
A
TC = 70 °C
- 5.8
TA = 25 °C
- 6.0
.0a, b
TA = 70 °C
- 5.2a, b
Pulsed Drain Current
IDM
- 35
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 3.5
TA = 25 °C
- 2.1a, b
Maximum Power Dissipation
TC = 25 °C
PD
6.5
W
TC = 70 °C
3.5
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
40
50
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
24
30
S
G
D
P-Channel MOSFET
50
6.0
D
G
S
D
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
HM3401PR
1


Similar Part No. - HM3401PR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
HM3400A HMSEMI-HM3400A Datasheet
696Kb / 7P
1.0MHz, input voltage as low as 0.85V low power synchronous boost converter
HM3400DR HMSEMI-HM3400DR Datasheet
686Kb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
HM3400PR VBSEMI-HM3400PR Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Shenzhen Huazhimei Semi...
HM3400PR HMSEMI-HM3400PR Datasheet
812Kb / 5P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM3401PR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com