Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0664005. Datasheet(PDF) 2 Page - Littelfuse

Part # 0664005.
Description  Axial Lead and Cartridge Fuses - Subminiature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0664005. Datasheet(HTML) 2 Page - Littelfuse

  0664005. Datasheet HTML 1Page - Littelfuse 0664005. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
450
www .littelfuse .com
Subminiature
LT-5™ Time Lag Extended Breaking Capacity Fuse 664 Series
1000
100
10
1
0.1
0.01
10
100
1
CURRENT IN AMPERES
Average Time Current Curves
V
DE
C
US
UL
C
US
AGENCY APPROVALS: IEC 60127-3/4: VDE approved through
4A. Recognized under the components program of
Underwriters Laboratories and recognized by CSA through
6.3A. Approved CCC to 3.15A. Approved by METI and KTL
from 1-4A.
INTERRUPTING RATINGS:
0.050-3.15A
35 amperes at 250VAC
50 amperes at 125 VDC
4-6.3A
10x rated current at 250VAC
50A or 10x rated current at 125VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: -40
∞C to +85∞C.
Case Resistance: Min 100Mohms, according to EIA/IS-722,
4.7
Vibration: IEC 68-2-6, test Fc (10-2000Hz); Cross-over fre-
quency 60Hz
Resistance to Cleaning Solvents: Clean according to EIA/IS-
722, 4.11
Resistance to Soldering Heat: 10 sec. At 260
∞C to IEC 60068-
2-20, test Tb
PHYSICAL SPECIFICATIONS:
Materials: Temperature Resistant Body, UL 94V-0; Sn Coated
Copper Wire Terminals.
Soldering Parameters: Wave Solder – 235
∞C, 2 seconds
maximum.
Solderability: IEC 60127-4 sub clause 8.7.1
PACKAGING:
Please refer to the following suffixes when ordering:
- 100 Piece Bulk: Short Leads use suffix HXSL; Long Leads
use suffix HXLL
- 750 Piece Tape and Reel per IEC 286-2: (Long Leads only)
use suffix ZRLL
- 1000 Piece Ammo Pack use suffix MALL
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com