Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0662001. Datasheet(PDF) 1 Page - Littelfuse

Part # 0662001.
Description  Axial Lead and Cartridge Fuses - Subminiature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0662001. Datasheet(HTML) 1 Page - Littelfuse

  0662001. Datasheet HTML 1Page - Littelfuse 0662001. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
445
www .littelfuse .com
Subminiature
ELECTRICAL CHARACTERISTICS:
% of Ampere
Rating
Time
150%
1 hour, Minimum
210%
30 minutes,
Maximum
275%
.010 sec
Min.; 3 sec Max
400%
.003 sec
Min.; .030 sec Max
1000%
.020 sec
Maximum
AGENCY APPROVALS: IEC 60127-3/1: VDE and Semko approved
50 mA through 3.15 A. Recognized under the Components Program
Underwriters Laboratories and CSA accepted 40mA through 5A.
INTERRUPTING RATINGS: 35A or 10X rated current;
whichever is greater.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: -40˚C to +85˚C.
Case Resistance: Min 100 Mohms, according to EIA/IS-722, 4.7
Vibration: 20gn, 20 min, 10Hz to 2,000Hz, 12 cycles according to
EIA/IS-722, 4.10 (Frequency range 10-2000Hz, cross-over frequency 60
Hz according to IEC 60068-2-6, test Fc)
Mechanical Shock: 50g, half sine wave, 11ms, 3 times each direction
according to IEC 60068-2-27.
Resistance to Cleaning Solvents: Clean according to EIA/IS-722, 4.11
Resistance to Soldering Heat: 10 sec. At 260˚C to IEC 60068-2-20,
test Tb
Terminal Strength: Tensile load min. 9N, according to EIA/IS-722, 4.5.5
PHYSICAL SPECIFICATIONS:
Materials: Temperature Resistant Body, UL 94V-0; Sn Coated Copper
Wire Terminals.
Solderability: IEC 60068-2-20, test Ta
Soldering Parameters: Wave Solder – 235˚C, 2 seconds maximum.
PACKAGING:
Please refer to the following suffixes when ordering:
• 100 Piece Bulk: Short Leads use suffix HXSL;
Long Leads use suffix HXLL
• 750 Piece Tape and Reel per IEC 286-2:
(Long Leads only) use suffix ZRLL
• 1000 Piece Ammo Pack use suffix MALL
PATENTED
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold mOhms
A2 Sec
0662.040
.040
250
7500
0.00016
0662.050
.050
250
4483
0.00040
0662.063
.063
250
3866
0.001
0662.080
.080
250
2545
0.001
0662.100
.100
250
2010
0.002
0662.125
.125
250
1346
0.006
0662.160
.160
250
2960
0.014
0662.200
.200
250
2256
0.024
0662.250
.250
250
1460
0.058
0662.315
.315
250
1209
0.104
0662.400
.400
250
180
0.044
0662.500
.500
250
128
0.090
0662.630
.630
250
96
0.150
0662.800
.800
250
78
0.220
0662 001.
1.00
250
64
0.330
0662 1.25
1.25
250
45
0.680
0662 01.6
1.60
250
37
0.940
0662 002.
2.00
250
29
1.33
0662 02.5
2.50
250
24
1.94
0662 3.15
3.15
250
17
5.40
0662 004.
4.00
250
13
7.90
0662 005.
5.00
250
10
11.19
Refer to page 342 for LT-5TM holder information.
8.5(.335")
0.64
(.025")
5.08
(.200")
8.5(.335")
0.64
(.025")
5.08
(.200")
ORDERING INFORMATION:
V
DE
®
LT-5™ Fast-Acting Fuse 662 Series
®
RoHS


Similar Part No. - 0662001.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
06620 ETC2-06620 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0662001.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
224 LITTELFUSE-224 Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
229P LITTELFUSE-229P Datasheet
118Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
263 LITTELFUSE-263 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
471 LITTELFUSE-471 Datasheet
49Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
473 LITTELFUSE-473 Datasheet
57Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
663 LITTELFUSE-663 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
664 LITTELFUSE-664 Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
665 LITTELFUSE-665 Datasheet
114Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com