Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753479 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753479
Description  MSTB 2,5/ 4-ST-5,08 BD:1-4
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753479 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753479 Datasheet HTML 1Page - PHOENIX CONTACT 1753479 Datasheet HTML 2Page - PHOENIX CONTACT 1753479 Datasheet HTML 3Page - PHOENIX CONTACT 1753479 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 4-ST-5,08 BD:1-4
Order No.: 1758377
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1758377
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 4, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918215460
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00707 KG
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-12


Similar Part No. - 1753479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753479 PHOENIX-1753479 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1753479 PHOENIX-1753479 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1753479 PHOENIX-1753479 Datasheet
145Kb / 5P
MSTBV 2,5/ 4-G
1753479 PHOENIX-1753479 Datasheet
170Kb / 6P
MVSTBR 2,5/ 4-ST
1753479 PHOENIX-1753479 Datasheet
151Kb / 6P
MVSTBW 2,5/ 4-ST
More results

Similar Description - 1753479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746583 PHOENIX-1746583 Datasheet
103Kb / 4P
MSTB 2,5/ 7-ST-5,08 BD:1-7
1751086 PHOENIX-1751086 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1758364 PHOENIX-1758364 Datasheet
96Kb / 3P
MSTB 2,5/ 2-ST-5,08 BD:1- 2
1758380 PHOENIX-1758380 Datasheet
101Kb / 3P
MSTB 2,5/ 6-ST-5,08 BD:1-6
1758393 PHOENIX-1758393 Datasheet
110Kb / 5P
MSTB 2,5/ 8-ST-5,08 BD:1-8
1760019 PHOENIX-1760019 Datasheet
109Kb / 5P
MSTB 2,5/ 9-ST-5,08 BD:1-9
1760129 PHOENIX-1760129 Datasheet
110Kb / 5P
MSTB 2,5/11-ST-5,08 BD:1-11
1762208 PHOENIX-1762208 Datasheet
122Kb / 6P
MSTB 2,5/ 3-ST-5,08 BD: 1-3
1767782 PHOENIX-1767782 Datasheet
110Kb / 5P
MSTB 2,5/12-ST-5,08 BD: 1-12
1774412 PHOENIX-1774412 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST-5,08 BD:4-1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com