Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0676005. Datasheet(PDF) 1 Page - Littelfuse

Part # 0676005.
Description  Axial Lead and Cartridge Fuses - Ceramic Body
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0676005. Datasheet(HTML) 1 Page - Littelfuse

  0676005. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
436
www .littelfuse .com
Ceramic Body
3.6 x 10 mm Fast-Acting Fuse 676 Series
• Meets the requirements of IEC 60127-3, Standard Sheet 3.
• Fast-Acting, ceramic body fuse in a compact package.
• This space saving fuse is ideally suited for lighting, power supply, and
adapter applications.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
150%
60 minutes, Minimum
210%
30 minutes, Maximum
275%
10 msec., Min.; 3 sec. Max.
400%
3 msec., Min.; .3 sec. Max.
1000%
20 msec, Max.
Catalog
Ampere
Voltage
Nominal
Nominal
Number
Rating
Rating
Resistance
Melting i2t
Cold mOhms
A2Sec.
0676.050
.050
250
9.400
0.00050
0676.063
.063
250
6.900
0.00080
0676.080
.080
250
4.700
0.00100
0676.100
.100
250
3.300
0.00160
0676.125
.125
250
2.300
0.00790
0676.160
.160
250
1.700
0.0128
0676.200
.200
250
0.500
0.0200
0676.250
.250
250
0.390
0.0250
0676.315
.315
250
0.285
0.0300
0676.400
.400
250
0.195
0.112
0676.500
.500
250
0.150
0.130
0676.630
.630
250
0.105
0.202
0676.800
.800
250
0.083
0.320
0676 001.
1.00
250
0.063
0.450
0676 1.25
1.25
250
0.053
0.750
0676 01.6
1.60
250
0.042
1.79
0676 002.
2.00
250
0.032
3.01
0676 02.5
2.50
250
0.025
5.15
0676 3.15
3.15
250
0.019
8.55
0676 004.
4.00
250
0.014
14.6
0676 005.
5.00
250
0.010
20.4
0676 06.3
6.30
250
0.006
33.8
AGENCY APPROVALS:
Recognized under the Components Program of Underwriters
Laboratories and recognized by CSA from 0.050 through 6.3 Amps.
VDE approved from 1 through 5 Amps. CCC approval pending
(1 through 5 Amps).
INTERRUPTING RATING:
35A or 10 x rated current, whichever is greater @ 250V AC
PACKAGING OPTIONS:
Please refer to the following suffixes when ordering:
Bulk (1000 pieces): Add MXE suffix to the catalog part number.
Tape and Reel (1500 pieces): Add DRT4 suffix to the catalog
part number.
TAPE AND REEL SPECIFICATIONS:
Per EIA-296 with 10mm pitch and 56.5mm inside tape spacing.
ORDERING INFORMATION:
®
V
DE
676 000 Series
3.9 (.153")
30.0
(1.181") TYP.
0.6 (.024") ( 0.05 -4A)
0.8 (.031") (5 -6.3A)
11.0
(.433")
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
1000
®
Axial Lead Material: Solder coated copper.
Average Time Current Curves


Similar Part No. - 0676005.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0676000004 MOLEX11-0676000004 Datasheet
183Kb / 2P
SD MEMORY CARD CONN. ASSY (TOP MOUND)
0676008001 MOLEX-0676008001 Datasheet
33Kb / 2P
SD Memory Card Connectors
07/13/2015
More results

Similar Description - 0676005.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
312P LITTELFUSE-312P Datasheet
46Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
313P LITTELFUSE-313P Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
314 LITTELFUSE-314 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
325 LITTELFUSE-325 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
325P LITTELFUSE-325P Datasheet
51Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
675 LITTELFUSE-675 Datasheet
41Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
677 LITTELFUSE-677 Datasheet
39Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com