Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RR0510 Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # RR0510
Description  1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

RR0510 Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  RR0510 Datasheet HTML 1Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 2Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 3Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 4Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 5Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 6Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 7Page - Cyntec Co., Ltd. RR0510 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DOCUMENT
: RH-NH
REVISION
: A2
4
Chip Resistor
Mechanical
Item
Specification and Requirement
Test Method
(Refer to JIS C 5201)
Resistor
Jumper
Solder ability
The surface of terminal immersed shall be
minimum of 95% covered with a new coating
of solder
Solder bath:
After immersing in flux, dip in
245  5℃ molten solder bath for
2  0.5 seconds
Resistance to Solder
Heat
△R: (1.0%+ 0.05)
Without distinct
deformation in
appearance
Max. 50m
(1) Pre-heat: 100~110℃ for 30
seconds
(2) Immersed at solder bath of
270  5℃ for 10  1 seconds
(3) Measuring resistance1 hour after
test
Vibration
△R: (0.5%+ 0.05)
Without mechanical damage such as break
(1) Vibration frequency :10Hz to 55Hz
to10Hz in 60 seconds as a period
(2) Vibration time: period cycled for 2
hours in each of 3 mutual
perpendicular directions
(3) Amplitude : 1.5mm
Shock
△R: (0.25%+ 0.05)
Without mechanical damage such as break
(1) Peak value: 490N
(2) Duration of pulse: 11ms
(3) 3 times in each positive and
negative direction of 3 mutual
perpendicular directions
Bending Test
△R: 0.5%
Without distinct
damage in appearance
Bending value: 3 mm for
30  1 seconds



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com