Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIM2512S4-R003 Datasheet(PDF) 5 Page - Cyntec Co., Ltd.

Part # SCIM2512S4-R003
Description  SCIM2512S4 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCIM2512S4-R003 Datasheet(HTML) 5 Page - Cyntec Co., Ltd.

  SCIM2512S4-R003 Datasheet HTML 1Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 2Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 3Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 4Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 5Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 6Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 7Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 8Page - Cyntec Co., Ltd. SCIM2512S4-R003 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DOCUMENT : CYNP-199-035
Page : 5
REVISION
: A1
Current Sensor Resistor
Mechanical Shock
△R:  0.5%
Without distinct damage in appearance
MIL-STD-202 Method 213
100G’s peak value, 6ms,
Half-sine waveform, 12.3ft/sec.
Terminal Strength
(SMD)
△R:  1.0%
Without mechanical damage such as break.
AEC-Q200-006
Force of 1.8Kg for 60 seconds.
Endurance
Item
Specification and Requirement
Test Method
Temperature Cycling
△R:  0.5%
Without distinct damage in appearance
JESD22
Method JA-104
-55°C to 150°C /1000cycle
30 min maximum dwell time at
each temperature.
Biased Humidity
△R:  0.5%
Without distinct damage in appearance
MIL-STD-202 Method 103
1000 hours, 85℃/85%R.H,
applied for 10% rated power.
Operational Life
△R:  1.0%
Without distinct damage in appearance
MIL-STD-202 Method 108
70℃, 100% rated power
1.5 hours ON, 0.5 hours Off
For total 1000 hours
High Temperature
Storage
△R:  1.0%
Without distinct damage in appearance
MIL-STD-202 Method 108
170°C for 1000 hours.
Moisture Resistance
△R:  0.5%
Without distinct damage in appearance
MIL-STD-202 Method 106
65°C /90-100%RH, unpowered, 7b
not required
Note : Measurement at 24±4 hours after test conclusion for all reliability tests-parts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com